Electronic Components Datasheet Search
  English  ▼

X  

EPC4 Datasheet(PDF) 25 Page - Altera Corporation

Part # EPC4
Description  Enhanced Configuration (EPC) Devices Datasheet
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4 Datasheet(HTML) 25 Page - Altera Corporation

Back Button EPC4 Datasheet HTML 21Page - Altera Corporation EPC4 Datasheet HTML 22Page - Altera Corporation EPC4 Datasheet HTML 23Page - Altera Corporation EPC4 Datasheet HTML 24Page - Altera Corporation EPC4 Datasheet HTML 25Page - Altera Corporation EPC4 Datasheet HTML 26Page - Altera Corporation EPC4 Datasheet HTML 27Page - Altera Corporation EPC4 Datasheet HTML 28Page - Altera Corporation EPC4 Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Power-On Reset
Page 25
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
Power-On Reset
The POR circuit keeps the system in reset until power-supply voltage levels have
stabilized. The POR time consists of the VCC ramp time and a user-programmable
POR delay counter. When the supply is stable and the POR counter expires, the POR
circuit releases the OE pin. The POR time can be further extended by an external
device by driving the OE pin low.
1 Do not execute JTAG or ISP instructions until POR is complete.
The EPC device supports a programmable POR delay setting. You can set the POR
delay to the default 100-ms setting or reduce the POR delay to 2 ms for systems that
require fast power-up. The PORSEL input pin controls this POR delay—a logic-high
level selects the 2-ms delay, while a logic-low level selects the 100-ms delay.
The EPC device enters reset under the following conditions:
■
The POR reset starts at initial power-up during VCC ramp-up or if VCC drops
below the minimum operating condition anytime after VCC has stabilized
■
The FPGA initiates reconfiguration by driving nSTATUS low, which occurs if the
FPGA detects a CRC error or if the FPGA’s nCONFIG input pin is asserted
■
The controller detects a configuration error and asserts OE to begin reconfiguration
of the Altera FPGA (for example, when CONF_DONE stays low after all configuration
data has been transmitted)
EXCLK
Input
Optional external clock input pin that can be used to generate the configuration
clock (DCLK).
When an external clock source is not used, connect this pin to a valid logic level
(high or low) to prevent a floating-input buffer. If EXCLK is used, toggling the
EXCLK
input pin after the FPGA enters user mode will not effect the EPC device
operation.
PORSEL
Input
This pin selects a 2-ms or 100-ms POR counter delay during power up. When
PORSEL
is low, POR time is 100 ms. When PORSEL is high, POR time is 2 ms.
This pin must be connected to a valid logic level.
TM0
Input
For normal operation, this test pin must be connected to GND.
TM1
Input
For normal operation, this test pin must be connected to VCC.
Table 10. JTAG Interface Pins and Other Required Controller Pins (Part 2 of 2)
Pin Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com