Electronic Components Datasheet Search
  English  ▼

X  

EPC4 Datasheet(PDF) 22 Page - Altera Corporation

Part # EPC4
Description  Enhanced Configuration (EPC) Devices Datasheet
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4 Datasheet(HTML) 22 Page - Altera Corporation

Back Button EPC4 Datasheet HTML 18Page - Altera Corporation EPC4 Datasheet HTML 19Page - Altera Corporation EPC4 Datasheet HTML 20Page - Altera Corporation EPC4 Datasheet HTML 21Page - Altera Corporation EPC4 Datasheet HTML 22Page - Altera Corporation EPC4 Datasheet HTML 23Page - Altera Corporation EPC4 Datasheet HTML 24Page - Altera Corporation EPC4 Datasheet HTML 25Page - Altera Corporation EPC4 Datasheet HTML 26Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Page 22
Pin Description
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
Pin Description
Table 8 through Table 10 list the EPC device pins. These tables include configuration
interface pins, external flash interface pins, JTAG interface pins, and other pins.
Table 8. Configuration Interface Pins
Pin Name
Pin Type
Description
DATA[7..0]
Output
Configuration data output bus. DATA changes on each falling edge of DCLK . DATA
is latched into the FPGA on the rising edge of DCLK.
DCLK
Output
The DCLK output pin from the EPC device serves as the FPGA configuration clock.
DATA
is latched by the FPGA on the rising edge of DCLK.
nCS
Input
The nCS pin is an input to the EPC device and is connected to the FPGA’s
CONF
_DONE signal for error detection after all configuration data is transmitted to
the FPGA. The FPGA will always drive nCS and OE low when nCONFIG is asserted.
This pin contains a programmable internal weak pull-up resistor of 6 K
 that can
be disabled or enabled in the Quartus II software through the Disable nCS and
OE pull-ups on configuration device option.
nINIT_CONF
Open-Drain Output
The nINIT_CONF pin can be connected to the nCONFIG pin on the FPGA to
initiate configuration from the EPC device using a private JTAG instruction. This
pin contains an internal weak pull-up resistor of 6K
that is always active. The
INIT
_CONF pin does not need to be connected if its functionality is not used. If
n
INIT
_CONF is not used, nCONFIG must be pulled to VCC either directly or
through a pull-up resistor.
OE
Open-Drain
Bidirectional
This pin is driven low when POR is not complete. A user-selectable 2-ms or
100-ms counter holds off the release of OE during initial power up to permit
voltage levels to stabilize. POR time can be extended by externally holding OE low.
OE
is connected to the FPGA nSTATUS signal. After the EPC device controller
releases OE, it waits for the nSTATUS-OE line to go high before starting the FPGA
configuration process. This pin contains a programmable internal weak pull-up
resistor of 6 K
that can be disabled or enabled in the Quartus II software
through the Disable nCS and OE pull-ups on configuration device option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com