Electronic Components Datasheet Search
  English  ▼

X  

EPC4 Datasheet(PDF) 26 Page - Altera Corporation

Part # EPC4
Description  Enhanced Configuration (EPC) Devices Datasheet
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4 Datasheet(HTML) 26 Page - Altera Corporation

Back Button EPC4 Datasheet HTML 22Page - Altera Corporation EPC4 Datasheet HTML 23Page - Altera Corporation EPC4 Datasheet HTML 24Page - Altera Corporation EPC4 Datasheet HTML 25Page - Altera Corporation EPC4 Datasheet HTML 26Page - Altera Corporation EPC4 Datasheet HTML 27Page - Altera Corporation EPC4 Datasheet HTML 28Page - Altera Corporation EPC4 Datasheet HTML 29Page - Altera Corporation EPC4 Datasheet HTML 30Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Page 26
Power Sequencing
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
Power Sequencing
Altera requires that you power-up the FPGA's VCCINT supply before the EPC device's
POR expires.
Power up needs to be controlled so that the EPC device’s OE signal goes high after the
CONF
_DONE signal is pulled low. If the EPC device exits POR before the FPGA is
powered up, the CONF_DONE signal will be high because the pull-up resistor is holding
this signal high. When the EPC device exits POR, OE is released and pulled high by a
pull-up resistor. Since the EPC device samples the nCS signal on the rising edge of OE,
it detects a high level on CONF_DONE and enters an idle mode. DATA and DCLK outputs
will not toggle in this state and configuration will not begin. The EPC device will only
exit this mode if it is powered down and then powered up correctly.
1 To ensure the EPC device enters configuration mode properly, you must ensure that
the FPGA completes power-up before the EPC device exits POR.
The pin-selectable POR time feature is useful for ensuring this power-up sequence.
The EPC device has two POR settings—2 ms when PORSEL is set to a high level and
100 ms when PORSEL is set to a low level. For more margin, the 100-ms setting can be
selected to allow the FPGA to power-up before configuration is attempted.
Alternatively, a power-monitoring circuit or a power-good signal can be used to keep
the FPGA’s nCONFIG pin asserted low until both supplies have stabilized. This ensures
the correct power up sequence for successful configuration.
Programming and Configuration File Support
The Quartus II software provides programming support for the EPC device and
automatically generates the .pof for the EPC4, EPC8, and EPC16 devices. In a
multi-device project, the Quartus II software can combine the .sof for multiple
ACEX 1K, APEX 20K, APEX II, Cyclone series, FLEX 10K, Mercury, and Stratix series
FPGAs into one programming file for the EPC device.
f For more information about generating programming files, refer to the Altera
Enhanced Configuration Devices.
EPC devices can be programmed in-system through the industry-standard 4-pin
JTAG interface. The ISP feature in the EPC device provides ease in prototyping and
updating FPGA functionality.
After programming an EPC device in-system, FPGA configuration can be initiated by
including the EPC device’s JTAG INIT_CONF instruction (refer to Table 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com