Electronic Components Datasheet Search
  English  ▼

X  

AS3510 Datasheet(PDF) 7 Page - ams AG

Part # AS3510
Description  ANALOG AUDIO FRONT-END
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3510 Datasheet(HTML) 7 Page - ams AG

Back Button AS3510 Datasheet HTML 3Page - ams AG AS3510 Datasheet HTML 4Page - ams AG AS3510 Datasheet HTML 5Page - ams AG AS3510 Datasheet HTML 6Page - ams AG AS3510 Datasheet HTML 7Page - ams AG AS3510 Datasheet HTML 8Page - ams AG AS3510 Datasheet HTML 9Page - ams AG AS3510 Datasheet HTML 10Page - ams AG AS3510 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Product Brief AS3510
Rev. 1v2, June 2004
CONFIDENTIAL
Page 6 of 19
Control Interface
The interface is a standard I2C slave interface (write only).
The system uses address group 8 address 41h for audio-
processors. The following table shows the various control
options.
Byte 0 (default value: 0x80h)
Bit
Name
Description
7
DITH
dither enable
1: enable (default)
0: disable
6..5
DacON
11: Audio DAC is switched on
10: Audio DAC is switched on
01: Audio DAC is switched off
00: automatic mode, DAC is on only
when I2S interface is active
4
LP4/16
audio amplifier load switch
1: low power mode for speakers
with more than 16 Ohm.
0: normal mode, 4 Ohm loads
possible
3..0
Gain
gain settings for audio amplifier
from –39dB to +3dB in steps of 3dB
1111: full output swing: +3dB
1110: 0dB
.
0010: -36dB
0001: minimum output swing: -39dB
0000: mute
Table 5 – Software I2C Byte 0
Byte 1 (default value: 0x10h)
Bit
Name
Description
7
-
not used
6
Fadc2
1: doubles the sampling ADC freq.
0: normal ADC sampling frequnecy
5
USBspN
1: normal USB operation
0: suspend USB
4
PwUphld 0: switch off
3
AUXen
1: enable AUX inputs
0: disable AUX inputs
2
ADCen
1: ADC enable for microphone input
0: ADC disable
1..0
MicGain
gain settings for microphone
amplifier
11: 40dB
10: 40dB
01: 34dB
00: 28dB
Table 6 – Software I2C Byte 1
The PowerUp hold (PwUphld; Bit 4) is when an high pulse
on the PowerUp pin occures. To switch of the AS3520 the
PwUphld bit must be cleared.
Byte 2 (default value: 0x01h)
Bit
Name
Description
7..6
Iaudio
audio amplifier supply current
11: 50%
10: 66%
01: 83%
00: 100% (default)
5..4
Idac
audio DAC supply current
11: 50%
10: 60%
01: 75%
00: 100% (default)
3..1
-
not used, must be set to 000
0
MCLK#
1: DAC uses inverted MCLK
0: DAC uses normal MCLK
Table 7 – Software I2C Byte 2
Byte 3 (default value: 0x11h)
Bit
Name
Description
7..4
Version
not used
3
-
not used
1..2
-
not used, must be set to 000
0
I2Sdir
1: only 18bit data are accepted
0: also less than 18 bit can be sent
to the I2S interface and are shifted
internal
Table 8 – Software I2C Byte 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com