Electronic Components Datasheet Search
  English  ▼

X  

AS3510 Datasheet(PDF) 10 Page - ams AG

Part # AS3510
Description  ANALOG AUDIO FRONT-END
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3510 Datasheet(HTML) 10 Page - ams AG

Back Button AS3510 Datasheet HTML 6Page - ams AG AS3510 Datasheet HTML 7Page - ams AG AS3510 Datasheet HTML 8Page - ams AG AS3510 Datasheet HTML 9Page - ams AG AS3510 Datasheet HTML 10Page - ams AG AS3510 Datasheet HTML 11Page - ams AG AS3510 Datasheet HTML 12Page - ams AG AS3510 Datasheet HTML 13Page - ams AG AS3510 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Product Brief AS3510
Rev. 1v2, June 2004
CONFIDENTIAL
Page 9 of 19
Microphone Path
Block Description
This block converts a differential microphone signal into
digital and does a synchronisation to the DAC I2S input
clocks. The SigmaDelta converter clock gets derived from
MCLK. For LRCK=32kHz
MCLK=4.096MHz, the
SD_CLK is 1.024MHz which gives with decimation to 14 bit
a sampling rate of 8kHz. Since the I2S signals for the DAC-
path is 4 times higher, each ADC-output-code will be
presented 4 times in both channels (left, right) the same.
For
LRCK=48kHz
MCLK=6.144MHz,
the
ADC
conversion rate will be 12kHz. Due to this synchronisation
the transfer of the ADC data is possible with just one extra
digital output pin which makes the digital interface very
efficient.
The microphone amplifier can be programmed to three
different gain values 28dB/ 34dB/ 40dB to adjust the circuit
to the used microphone. The microphone amplifier includes
a softclip function that reduces the gain when the input
voltage range of the ADC is violated.
The fullscale ADC input range is 1.157Vp differential with
AVDD=2.9V.
The softclip references are +/-0.434V which gives a
useable ADC-range of 0.868Vp differential. This gives a
nominal mic input voltage range of 34.72 / 17.36 / 8.68mVp
or 24 /12 / 6mVrms for the three micamp gain settings.
SoftClip is done with 15 steps of –1dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com