Electronic Components Datasheet Search
  English  ▼

X  

AS3510 Datasheet(PDF) 8 Page - ams AG

Part # AS3510
Description  ANALOG AUDIO FRONT-END
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3510 Datasheet(HTML) 8 Page - ams AG

Back Button AS3510 Datasheet HTML 4Page - ams AG AS3510 Datasheet HTML 5Page - ams AG AS3510 Datasheet HTML 6Page - ams AG AS3510 Datasheet HTML 7Page - ams AG AS3510 Datasheet HTML 8Page - ams AG AS3510 Datasheet HTML 9Page - ams AG AS3510 Datasheet HTML 10Page - ams AG AS3510 Datasheet HTML 11Page - ams AG AS3510 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Product Brief AS3510
Rev. 1v2, June 2004
CONFIDENTIAL
Page 7 of 19
Power Amplifier
Block Description
The Power Amplifier Block converts the differential output
signals from the AudioDAC into single ended signals with
the drive capability for impedances
≥4 ohms.
With the conversion from differential to single ended, the
transformation of DC level from AGND (=AVDD/2) to BGND
(=BVDD/2) is done. The gain of this driver stage can be set
by 4 digital input signals in the range from –39dB to +3dB in
steps of 3dB. With the maximum gain of +3dB, full scale
gives 4.95Vpp at the single ended output.
With I2S data giving full-scale swing, clipping will occur with
the max. gain-step. With min. BVDD of 3.0V the same is
true for the two highest gain-steps.
When the control signals Gain(3:0) are all set to “L”, the
block is set to power-down.
There is a BGND generation, which needs an external
capacitor of 100nF for blocking of low frequency
components at BVDD. With this external capacitor, a so
called “Klickless On” is performed so that at power-up, the
output terminals have a smooth startup to avoid any
transient noise in the headphone.
Gain
(3:0)
Gain
dif
se
FS Swing
Gain
(3:0)
Gain
dif
se
FS
Swing
H
H
H
H
+3dB
4.95Vpp
L
H
H
H
-21dB
309mVpp
H
H
H
L
0dB
3.50Vpp
L
H
H
L
-24dB
219mVpp
H
H
L
H
-3dB
2.47Vpp
L
H
L
H
-27dB
155mVpp
H
H
L
L
-6dB
1.75Vpp
L
H
L
L
-30dB
109mVpp
H
L
H
H
-9dB
1.24Vpp
L
L
H
H
-33dB
77mVpp
H
L
H
L
-12dB
0.87Vpp
L
L
H
L
-36dB
55mVpp
H
L
L
H
-15dB
0.62Vpp
L
L
L
H
-39dB
39mVpp
H
L
LL
-18dB
0.44Vpp
L
LLL
OFF
-
Table 9
Table of Gain Steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com