Electronic Components Datasheet Search
  English  ▼

X  

AS3510 Datasheet(PDF) 9 Page - ams AG

Part # AS3510
Description  ANALOG AUDIO FRONT-END
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3510 Datasheet(HTML) 9 Page - ams AG

Back Button AS3510 Datasheet HTML 5Page - ams AG AS3510 Datasheet HTML 6Page - ams AG AS3510 Datasheet HTML 7Page - ams AG AS3510 Datasheet HTML 8Page - ams AG AS3510 Datasheet HTML 9Page - ams AG AS3510 Datasheet HTML 10Page - ams AG AS3510 Datasheet HTML 11Page - ams AG AS3510 Datasheet HTML 12Page - ams AG AS3510 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Product Brief AS3510
Rev. 1v2, June 2004
CONFIDENTIAL
Page 8 of 19
Supply Regulator
Block Description
This block can be used to provide three regulated supply
voltages for the
-
on_chip digital section
-
on_chip analog section
-
external circuit (uP, DSP…)
from the battery supply BVDD which is directly used by the
power_amplifier.
The LDO1 and LDO2 do have the capability to drive 50mA
with a voltage drop of <=50mV (1Ohm). Since the nominal
output voltage for these LDOs is 2.9V (+/-50mV), a
regulation can be done with BVDD as low as 3.0V.
The LDO3 is used to generate a supply voltage PVDD for
the peripheral cells and external digital circuits, which are
controlling the inputs of the AS3510. The drive capability is
≥200mA with a BVDD≥3V.
The maximum output currents for these LDOs can be
calculated using the following equation:
Ohm
mV
Vout
BVDD
I
1
50
)
(
(
max
+
=
Vout is 2.9V for LDO1 and LDO2. The output Voltage for
LDO3 can be programmed via the PLDO3 pin.
PLD3 pin
QLDO3 voltage
VSS
2.25V
150k to VSS
2.0V
open
2.5
150k to DVDD
1.5
DVDD
1.75
Table 10
LDO3 Programming
There are two pads at each LDO, one is the LDO output pad
and the second is the corresponding chip supply pad, which
are bonded to the same pin (LDO1 only), and have external
blocking caps (Cblock with low ESR).
If supply should not be generated from the on_chip LDOs,
these blocks can be disabled with control pin PowerUP.
AVDD, DVDD and PVDD can then be forced from external
regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com