Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 7 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 7 Page - ams AG

Back Button AS3515 Datasheet HTML 3Page - ams AG AS3515 Datasheet HTML 4Page - ams AG AS3515 Datasheet HTML 5Page - ams AG AS3515 Datasheet HTML 6Page - ams AG AS3515 Datasheet HTML 7Page - ams AG AS3515 Datasheet HTML 8Page - ams AG AS3515 Datasheet HTML 9Page - ams AG AS3515 Datasheet HTML 10Page - ams AG AS3515 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
6
- 66
5 Absolute Maximum Ratings (Non-Operating)
Stresses beyond the absolute maximum ratings may cause permanent damage to the device. These are stress ratings only. Functional
operation of the device at these or beyond those listed is not implied.
Caution: Exposure to absolute maximum rating conditions may affect device reliability.
Table 1
Absolute Maximum Ratings
PARAMETER
Symbol
MIN
MAX
UNIT
NOTE
DC Supply Voltage
BVDD, UVDD,
RTCSUP, CHGIN
-0.5
7.0
V
Voltage difference of VSS-
Terminals
DVSS, AVSS, VSS3,
VSS15, VSSCP, BVSS
-0.5
0.5
V
Voltage at Digital pins
Vin
-0.5
5.0
V
VB1V, CSCL, CSDA, PWR_UP
these pins have no diode to
DVDD
Voltage at Digital pins:
Vin
-0.5
DVDD+0.5
V
LRCK, SCLK, SDI, SDO,
P_PVDD, P_CVDD, BATTEMP,
ISINK, XIN32K, XOUT32K,
XIRQ, PWGOOD
Voltage at 5V pins:
Vin
-0.5
BVDD+0.5V
V
BGND, HPH_CM, HPGND,
HPL/R, SPL/R
Voltage at Analogue pins:
Vin
-0.5
AVDD+0.5
V
LOUTL/R, VREF, AGND,
LIN1L/R, LIN2L/R, MIC1P/N,
MIC2P/N, MIC1SUP, MIC2SUP
Voltage at Regulator pins:
Vin
-0.5
5.0
V
AVDD, DVDD, PVDD, CPVDD,
CVDD
Input Current (latchup
immunity)
Iscr
-100
100
mA
Norm: Jedec 17
Electrostatic Discharge HBM ESD
+/-1
kV
Norm: MIL 883 E method 3015
Total Power Dissipation (all
supplies and outputs)
Pt
-
1000
mW
Valid for BGA64 package
Storage Temperature
Tstrg
-55
125
°C
Humidity non-condensing
5
85
%
Table 2
Soldering Conditions
Symbol
Parameter
Min
Max
Unit
Comments
Tbody
Package Body Temperature
260
°C
Norm IPC/JEDEC J-STD-020C, reflects
moisture sensitivity level only
Tpeak
235
245
°C
Dwell
Solder Profile*
30
45
s
above 217 °C
MSL
Moisture Sensitive Level
3
1
Represents a max. floor live time of
168h
* austriamicrosystems AG strongly recommends to use underfill.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com