Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 13 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 13 Page - ams AG

Back Button AS3515 Datasheet HTML 9Page - ams AG AS3515 Datasheet HTML 10Page - ams AG AS3515 Datasheet HTML 11Page - ams AG AS3515 Datasheet HTML 12Page - ams AG AS3515 Datasheet HTML 13Page - ams AG AS3515 Datasheet HTML 14Page - ams AG AS3515 Datasheet HTML 15Page - ams AG AS3515 Datasheet HTML 16Page - ams AG AS3515 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
12
- 66
Left Headphone Register (03h)
Table 10 HPH_OUT_L Register
Bit
Name
Description
7
HP_Mute
0: normal operation
1: headphone output set to mute (mute is on during power-up)
6
HP_ON
0: speaker stage not powered
1: power up headphone stage
5
HPdetON
0: no headphone detection
1: enable headphone detection
4..0
HPL_VOL
volume settings for left headphone output, adjustable in 32 steps @ 1.5dB
11111: 1.07 dB gain
11110: -0.43 dB gain
..
00001: -43.93dB gain
00000: -45.43 dB gain
The register is R/W; default value is 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com