Electronic Components Datasheet Search
  English  ▼

X  

AS3515 Datasheet(PDF) 49 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 49 Page - ams AG

Back Button AS3515 Datasheet HTML 45Page - ams AG AS3515 Datasheet HTML 46Page - ams AG AS3515 Datasheet HTML 47Page - ams AG AS3515 Datasheet HTML 48Page - ams AG AS3515 Datasheet HTML 49Page - ams AG AS3515 Datasheet HTML 50Page - ams AG AS3515 Datasheet HTML 51Page - ams AG AS3515 Datasheet HTML 52Page - ams AG AS3515 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
48
- 66
6.18.4 Parameter
Table 51 ADC10 Parameter
Symbol
Parameter
Notes
Min
Typ
Max
Unit
RDIV
Input Divider Resistance
BVDD, RTCSUP, UVDD, CHG_IN,
VB1V
138k
180k
234k
Ω
ADCFS
ADC Full Scale Range
2.534
2.56
2.586
V
Ratio1
Division Factor 1
BVDD, RTCSUP, UVDD, CHG_IN
0.198
0.2
0.202
1
Ratio2
Division Factor 2
VB1V
0.396
0.4
0.404
1
Gain
ADC Gain Stage
2.475
2.5
2.525
V
TCON
Conversion Time
-
34
50
µs
I_MICFS
I_MicSup1/2 Full Scale Range
1.4
2
2.8
mA
BVDD=3.6V; Tamb=25ºC; unless otherwise specified
6.18.5 Register Description
The conversion gets started by writing to the ADC_0 register (0x2Eh). After finishing the conversion an interrupt request can be generated
if the corresponding bit in the IRQ_ENRD2 register (0x27h) is set. Conversion source and result can be set / read with the following two
registers.
ADC_0 Register (2Eh)
Table 52 ADC_0 Register
Bit
Name
Description
7..4
ADC_Source
0000: BVDD
0001: RTCSUP
0010: UVDD
0011: CHG_IN
0100: CVDD
0101: BatTemp
0110: MicSup1
0111: MicSup2
1000: VBE_1uA
1001: VBE_2uA
1010: I_MicSup1
1011: I_MicSup2
1100: VB1V
1101: reserved
1110: reserved
1101: reserved
3,2
-
Not used
1
ADC<9>
ADC result bit 10
0
ADC<8>
ADC result bit 9
The register is R/W; default value is 000000xxb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com