Electronic Components Datasheet Search
  English  ▼

X  

AS3675 Datasheet(PDF) 66 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 66 Page - ams AG

Back Button AS3675 Datasheet HTML 62Page - ams AG AS3675 Datasheet HTML 63Page - ams AG AS3675 Datasheet HTML 64Page - ams AG AS3675 Datasheet HTML 65Page - ams AG AS3675 Datasheet HTML 66Page - ams AG AS3675 Datasheet HTML 67Page - ams AG AS3675 Datasheet HTML 68Page - ams AG AS3675 Datasheet HTML 69Page - ams AG AS3675 Datasheet HTML 70Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
65 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
Registers 71h to 82h define the filter coefficients filt{1,2,3}_{A0,a1,a2}. Each of the coefficients is 12 bits wide and is
calculated according to the following formula (2s complement number):
- Bit11 is used as sign bit 0…positive number, 1…negative number
- Bit10 is multiplied by 2^0
- Bit9 is multiplied by 2^-1
-…
- Bit 1 is multiplied by 2^-9
7:6
curr33_aud_src[1:0]
00b
R/W
Audio controlled LED source for CURR33
00
All other modes
01
ch1 connected to CURR33, audio controlled
LED on
10
ch2 connected to CURR33, audio controlled
LED on
11
ch3 connected to CURR33, audio controlled
LED on
Table 86. filt_type
Register
Addr: 70h
filt_type
Define frequency filter types
Bit
Bit Name
Default Access
Description
1:0
filt1_type[1:0]
00b
R/W
Defines filter1 (for ch1) characteristics and filter coefficients
b1 and b2
00
don’t use
01
low pass filter; filt1_b1=2, filt1_b2=1
10
high pass filter; filt1_b1=-2, filt1_b2=1
11
band pass filter; filt1_b1=0, filt1_b2=-1
3:2
filt2_type[1:0]
00b
R/W
Defines filter2 (for ch2) characteristics and filter coefficients
b1 and b2
00
don’t use
01
low pass filter; filt2_b1=2, filt2_b2=1
10
high pass filter; filt2_b1=-2, filt2_b2=1
11
band pass filter; filt2_b1=0, filt2_b2=-1
5:4
filt3_type[1:0]
00b
R/W
Defines filter3 (for ch3) characteristics and filter coefficients
b1 and b2
00
don’t use
01
low pass filter; filt3_b1=2, filt3_b2=1
10
high pass filter; filt3_b1=-2, filt3_b2=1
11
band pass filter; filt3_b1=0, filt3_b2=-1
Table 85. CURR3x audio source
Register (Continued)
Addr: 53h
CURR3x audio source
Controls CURR30,31,32,33 audio outputs and enables audio controlled LED
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com