Electronic Components Datasheet Search
  English  ▼

X  

AS3930 Datasheet(PDF) 11 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 11 Page - ams AG

Back Button AS3930_07 Datasheet HTML 7Page - ams AG AS3930_07 Datasheet HTML 8Page - ams AG AS3930_07 Datasheet HTML 9Page - ams AG AS3930_07 Datasheet HTML 10Page - ams AG AS3930_07 Datasheet HTML 11Page - ams AG AS3930_07 Datasheet HTML 12Page - ams AG AS3930_07 Datasheet HTML 13Page - ams AG AS3930_07 Datasheet HTML 14Page - ams AG AS3930_07 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
www.ams.com/LF-Receiver/AS3930
Revision 1.5
11 - 32
AS3930
Datasheet - Detailed Descr i p ti on
AS3930 needs the following external components:

Power supply capacitor – CBAT – 100 nF

32.768 kHz crystal with its two pulling capacitors – XTAL and CL (it is possible to omit these components if the internal RC oscillator is used
instead of the crystal oscillator)

Input LC resonator
In case the internal RC-oscillator is used (no crystal oscillator is mounted), the pin XIN has to be connected to the supply, while pin XOUT should
stay floating. Application diagrams with and without crystal are shown in Figure 1 and Figure 2.
8.1 Operating Modes
8.1.1 Power Down Mode
In Power Down Mode, AS3930 is completely switched off. The typical current consumption is 400 nA.
8.1.2 Listening Mode
In listening mode only the channel amplifier and the RTC are running. In this mode the system detects the presence of a carrier. In case the
carrier is detected, the RSSI can be displayed.
In this mode it is possible to distinguish the following three sub modes:
Standard Listening Mode. The channel amplifier that is capable of detecting the presence of the carrier frequency, is active all the time.
ON/OFF Mode (Low Power Mode). The channel amplifier is active for one millisecond after which it is switched off. The OFF-time is
programmable (see R4<7:6>).
Figure 11. ON/OFF Mode
Further, for both sub modes, it is possible to enable a feature called Artificial Wake-up. If the Artificial Wake-up is enabled, then the AS3930
produces an interrupt after a certain time regardless of whether any activity is detected on the input. The period of the Artificial Wake-up is
defined in the register R8<2:0>. The user can distinguish between Artificial Wake-up and Wake-up based on the field detection (frequency or
pattern detection) since the Artificial Wake-up interrupt lasts only 128µs. With this interrupt the microcontroller (μC) can get feedback on the
surrounding environment (e.g. read the false wake-up register R13<7:0>) and/or take actions in order to change the setup.
8.1.3 Preamble Detection / Pattern Correlation
The preamble detection and pattern correlation are only considered for the wake-up when the data correlator function is enabled. See R1<1>.
The correlator searches first for preamble frequency (constant frequency of Manchester clock defined according to bit-rate transmission, see
Table 19) and then for data pattern.
If the pattern is matched, then the wake-up interrupt is displayed on the WAKE output and the chip goes in data receiving mode. If the pattern
fails, then the internal wake-up is terminated and no IRQ is produced.
Channel
Presence
of Carrier
t0
t0 + 1ms
t0 + T
t0 + T + 1ms
t0 + 2T
Time
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com