Electronic Components Datasheet Search
  English  ▼

X  

AS3930 Datasheet(PDF) 26 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 26 Page - ams AG

Back Button AS3930_07 Datasheet HTML 22Page - ams AG AS3930_07 Datasheet HTML 23Page - ams AG AS3930_07 Datasheet HTML 24Page - ams AG AS3930_07 Datasheet HTML 25Page - ams AG AS3930_07 Datasheet HTML 26Page - ams AG AS3930_07 Datasheet HTML 27Page - ams AG AS3930_07 Datasheet HTML 28Page - ams AG AS3930_07 Datasheet HTML 29Page - ams AG AS3930_07 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
www.ams.com/LF-Receiver/AS3930
Revision 1.5
26 - 32
AS3930
Datasheet - Detailed Descri p ti on
8.8.1 Crystal Oscillator
8.8.2 RC-Oscillator
To trim the RC-Oscillator, set the chip select (CS) to high before sending the direct command trim_osc over SDI. Then 65 digital clock cycles of
the reference clock (e.g. 32.768 kHz) have to be sent on the clock bus (SCL), as shown in Figure 20. After that the signal on the chip select (CS)
has to be pulled down.
The calibration is effective after the 65th reference clock edge and it will be stored in a volatile memory. In case the RC-oscillator is switched off
or a power-on-reset happens (e.g. battery change), then the calibration has to be repeated.
Figure 20. RC-Oscillator Calibration via SDI
Table 23. Characteristics of XTAL
Parameter
Conditions
Min
Typ
Max
Units
Crystal accuracy (initial)
Overall accuracy
±120
p.p.m.
Crystal motional resistance
60
K
Ω
Frequency
32.768
kHz
Contribution of the oscillator to the frequency
error
±5
p.p.m
Start-up Time
Crystal dependent
1
s
Duty cycle
45
50
55
%
Current consumption
1
µA
Table 24. Characteristics of RCO
Parameter
Conditions
Min
Typ
Max
Units
Frequency
If no calibration is performed
27
32.768
42
kHz
If calibration is performed
31
32.768
34.5
kHz
Calibration time
Periods of reference clock
65
cycles
Current consumption
200
nA
CS
SCLK
SDI
X
X
65 clock cycles
11
1
00
0
0
0
DIRECT COMMAND
Trim_osc
REFERENCE CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com