Electronic Components Datasheet Search
  English  ▼

X  

AS3930 Datasheet(PDF) 6 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 6 Page - ams AG

Back Button AS3930_07 Datasheet HTML 2Page - ams AG AS3930_07 Datasheet HTML 3Page - ams AG AS3930_07 Datasheet HTML 4Page - ams AG AS3930_07 Datasheet HTML 5Page - ams AG AS3930_07 Datasheet HTML 6Page - ams AG AS3930_07 Datasheet HTML 7Page - ams AG AS3930_07 Datasheet HTML 8Page - ams AG AS3930_07 Datasheet HTML 9Page - ams AG AS3930_07 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
www.ams.com/LF-Receiver/AS3930
Revision 1.5
6 - 32
AS3930
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only. Functional operation of the
device at these or any other conditions beyond those indicated in Electrical Characteristics on page 7 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
Electrical Parameters
DC supply voltage (VDD)-0.5
5
V
Input pin voltage (VIN)-0.5
5
V
Input current (latch up immunity) (ISOURCE)
-100
100
mA
Norm: Jedec 78
Electrostatic Discharge
Electrostatic discharge (ESD)
±2
kV
Norm: MIL 883 E method 3015 (HBM)
Continuous Power Dissipation
Total power dissipation
(all supplies and outputs)
(Pt)
0.07
mW
Temperature Ranges and Storage Conditions
Storage temperature (Tstrg)
-65
150
ºC
Package body temperature (Tbody)
260
ºC
Norm: IPC/JEDEC J-STD-020
The reflow peak soldering temperature (body
temperature) is specified according IPC/JEDEC
J-STD-020 “Moisture/Reflow Sensitivity
Classification for Non-hermetic Solid State
Surface Mount Devices”.
Humidity non-condensing
5
85
%
Moisture sensitivity level (MSL)
3
Represents a maximum floor time of 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com