Electronic Components Datasheet Search
  English  ▼

X  

AS3930 Datasheet(PDF) 19 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 19 Page - ams AG

Back Button AS3930_07 Datasheet HTML 15Page - ams AG AS3930_07 Datasheet HTML 16Page - ams AG AS3930_07 Datasheet HTML 17Page - ams AG AS3930_07 Datasheet HTML 18Page - ams AG AS3930_07 Datasheet HTML 19Page - ams AG AS3930_07 Datasheet HTML 20Page - ams AG AS3930_07 Datasheet HTML 21Page - ams AG AS3930_07 Datasheet HTML 22Page - ams AG AS3930_07 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
www.ams.com/LF-Receiver/AS3930
Revision 1.5
19 - 32
AS3930
Datasheet - Detailed Descr i p ti on
8.3.2 Antenna Damper
The antenna damper allows the chip to deal with higher field strength, it is enabled by register R1<4>. It consists of shunt resistors which
degrade the quality factor of the resonator by reducing the signal at the input of the amplifier. In this way the resonator sees a smaller parallel
resistance (in the band of interest) which degrades its quality factor in order to increase the linear range of the channel amplifier (the amplifier
does not saturate in presence of bigger signals). Table 16 shows the bit setup.
8.4 Demodulator / Data Slicer
The performance of the demodulator can be optimized according to bit rate and preamble length as described in Table 17 and Table 18.
If the bit rate gets higher, the time constant in the envelop detector must be set to a smaller value. This means that higher noise is injected
because of the wider band. The next table is a rough indication of how the envelop detector looks like for different bit rates. By using proper data
slicer settings it is possible to improve the noise immunity paying the penalty of a longer preamble. In fact if the data slicer has a bigger time
constant it is possible to reject more noise, but every time a transmission occurs, the data slicer need time to settle. This settling time will
influence the length of the preamble. Table 18 gives a correlation between data slicer setup and minimum required preamble length.
Note:
These times are minimum required, but it is recommended to prolong the preamble.
Table 16. Antenna Damper Bit Setup
R4<5>
R4<4>
Shunt Resistor (parallel to the resonator at 125 kHz)
00
1 k
Ω
01
3 k
Ω
10
9 k
Ω
1
1
27 k
Ω
Table 17. Bit Setup for Envelop Detector for Different Symbol Rates
R3<2>
R3<1>
R3<0>
Symbol Rate [Manchester symbols/s]
0
0
0
4096
0
0
1
2184
0
1
0
1490
01
1
1130
1
0
0
910
1
0
1
762
1
1
0
655
1
1
1
512
Table 18. Bit Setup for Data Slicer for Different Preamble Length
R3<5>
R3<4>
R3<3>
Minimum Preamble Length [ms]
00
0
0.8
00
1
1.15
01
0
1.55
01
1
1.9
10
0
2.3
10
1
2.65
11
0
3
11
1
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com