Electronic Components Datasheet Search
  English  ▼

X  

AS8222 Datasheet(PDF) 10 Page - ams AG

Part # AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Datasheet(HTML) 10 Page - ams AG

Back Button AS8222 Datasheet HTML 6Page - ams AG AS8222 Datasheet HTML 7Page - ams AG AS8222 Datasheet HTML 8Page - ams AG AS8222 Datasheet HTML 9Page - ams AG AS8222 Datasheet HTML 10Page - ams AG AS8222 Datasheet HTML 11Page - ams AG AS8222 Datasheet HTML 12Page - ams AG AS8222 Datasheet HTML 13Page - ams AG AS8222 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
AS8222
Datasheet - Electrical Character i s t ics
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
9 - 42
6.2 State Transitions
6.3 Transmitter
The following parameters are applicable to all the branch transmitters.
Table 4. State Transitions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tSTBN_RXD
Delay STBN high to RxD high with wake
flag set
110
50
µs
tSTBN_RXEN
Delay STBN high to RxEN high with wake
flag set
110
50
µs
tSLEEP_INH1
Delay STBN high to INH1 high
INH1 high = 80 % VBAT
110
50
µs
tSTANDBY_INH2
Delay STBN high to INH2 high
INH2 high = 80 % VBAT
110
50
µs
tSLEEP
go-to-sleep hold time
INH1 low = 20 % VBAT
10
25
70
µs
Table 5. Transmitter
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VBUS_DIFF_D0
uBDTxactive
Differential bus voltage low in NORMAL
mode (Data_0)
Absolute value of uBus, while sending
VBPdata0 – VBMdata0;
40
Ω < RL < 55 Ω
Load on BP/BM: 40Ω || 100pF
-2
|2000|
-1
-0.6
|600|
V
mV
VBUS_DIFF_D1
uBDTxactive
Differential bus voltage high in
NORMAL mode (Data_1)
Absolute value of uBus, while sending
VBPdata1 – VBMdata1;
40
Ω < RL < 55 Ω
Load on BP/BM: 40Ω || 100pF
0.6
|600|
12
|2000|
V
mV
ΔVBUS_DIFF
Matching between Data_0 and Data_1
differential bus voltage in NORMAL
mode
VBUS_DIFF_D0 - VBUS_DIFF_D1
40
Ω < RL < 55 Ω
-200
0
200
mV
VBUS_COM_D0
Common mode bus voltage in case of
Data_0 in non-low-power mode
VBPdata0/2+VBMdata0/2
40
Ω < RL < 55 Ω
0.4 * VCC 0.5 * VCC 0.6 * VCC
V
VBUS_COM_D1
Common mode bus voltage in case of
Data_1 in non-low-power mode
VBPdata1/2+VBMdata1/2
40
Ω < RL < 55 Ω
0.4 * VCC 0.5 * VCC 0.6 * VCC
V
ΔV BUS_COM
Matching between Data_0 and Data_1
common mode voltage
VBUS_COM_D0 - VBUS_COM_D1
40
Ω < RL < 55 Ω
-200
0
200
mV
VBUS_DIFF_Idle
uBDTxidle
Absolute differential bus voltage in idle
mode
Absolute value of uBus, while Idle
40
Ω < RL < 55 Ω
0
030
30
mV
mV
IBPBMShortMax
IBMBPShortMax
IBPBMShortMax
IBMBPShortMax
Absolute max current when BP shorted
to BM
Absolute maximum output current when
BP
shorted to BM
VBP= VBM
25
+100
100
mA
mA
IBPGNDShortMax
IBPGNDShortMax
Absolute max current when BP is
shorted to GND
Absolute maximum output current when
shorted to GND
VBP=0 V
50
+100
100
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com