Electronic Components Datasheet Search
  English  ▼

X  

TCS3103 Datasheet(PDF) 7 Page - ams AG

Part # TCS3103
Description  LIGHT-TO-VOLTAGE COLOR SENSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3103 Datasheet(HTML) 7 Page - ams AG

Back Button TCS3103 Datasheet HTML 3Page - ams AG TCS3103 Datasheet HTML 4Page - ams AG TCS3103 Datasheet HTML 5Page - ams AG TCS3103 Datasheet HTML 6Page - ams AG TCS3103 Datasheet HTML 7Page - ams AG TCS3103 Datasheet HTML 8Page - ams AG TCS3103 Datasheet HTML 9Page - ams AG TCS3103 Datasheet HTML 10Page - ams AG TCS3103 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TCS3103, TCS3104
LIGHT-TO-VOLTAGE COLOR SENSOR
TAOS108B − JULY 2010
6
r
r
Copyright
E 2010, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
APPLICATION INFORMATION
Power Supply Considerations
The power supply lines (VDD and GND) should be bypassed by placing an 0.1-μF capacitor with low ESR and
short leads (ideally, a surface mount ceramic type) as close as possible to the device package.
Output Interface
Although the output of the device can be connected to a comparator for simple threshold measurements, or to
another amplifier stage, most applications will require that the three channels be connected to analog-to-digital
converters (ADCs) so that the light and color information can be processed by a microcontroller, computer, or
other device. In many cases, the outputs can be directly connected to the ADC inputs. In some cases, for
example if the light is modulated, it may be desirable to insert active or passive low-pass filters on the channels
prior to the ADC, to smooth out the modulation ripple that would otherwise result in noisy measurements. The
cutoff frequency of the filters would, of course, depend upon the modulation frequency of the incoming light. With
a pulse-width modulated (PWM) input light signal, it may be possible to synchronize the ADC sampling with the
on-time of the PWM signal. In this case, a low-pass filter would not be required because the device output would
be sampled only during the on time of the input light source. A recommendation for minimum pulse width
would be 3
× the rise time of the device under the chosen gain setting.
Device Power Up
The TCS310x should use the following power up sequence: A stable ground reference from the system should
be applied first, followed by the VDD power applied second. This means VDD cannot be applied while the GND
pin is floating or without a ground reference. Afterward, the MFP pin may be biased or driven. The MFP pin must
always have a valid logic reference level. The pin may be biased or driven to a logical high or logical low level.
PCB Pad Layout
Suggested PCB pad layout guidelines for the Dual Flat No-Lead (FN) surface mount package are shown in
Figure 6.
0.40
2.90
0.40
1.30
1.70
0.65
1.30
0.65
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
Figure 6. Suggested FN Package PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com