Electronic Components Datasheet Search
  English  ▼

X  

TCS3103 Datasheet(PDF) 8 Page - ams AG

Part # TCS3103
Description  LIGHT-TO-VOLTAGE COLOR SENSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3103 Datasheet(HTML) 8 Page - ams AG

Back Button TCS3103 Datasheet HTML 4Page - ams AG TCS3103 Datasheet HTML 5Page - ams AG TCS3103 Datasheet HTML 6Page - ams AG TCS3103 Datasheet HTML 7Page - ams AG TCS3103 Datasheet HTML 8Page - ams AG TCS3103 Datasheet HTML 9Page - ams AG TCS3103 Datasheet HTML 10Page - ams AG TCS3103 Datasheet HTML 11Page - ams AG TCS3103 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TCS3103, TCS3104
LIGHT-TO-VOLTAGE COLOR SENSOR
TAOS108B − JULY 2010
7
The LUMENOLOGY
r Company
r
r
Copyright
E 2010, TAOS Inc.
www.taosinc.com
MECHANICAL DATA
PACKAGE FN
Dual Flat No-Lead
203
+ 8
6 VOR
5 VOG
4 VOB
VDD 1
GND 2
MFP 3
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Lead Free
Pb
300
+ 50
650
2000
+ 75
2000
+ 75
PIN 1
PIN 1
END VIEW
650
+ 100
Seating Plane
PIN OUT
TOP VIEW
Photo-Active Area
750
+ 150
203
150
NOTES: A. All linear dimensions are in micrometers. Dimension tolerance is
± 20 μm unless otherwise noted.
B. The photo-active area is 378
μm by 378 μm, centered vertically and horizontally with a ± 75 μm tolerance.
C. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
D. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish.
E. This package contains no lead (Pb).
F. This drawing is subject to change without notice.
Figure 7. Package FN — Dual Flat No-Lead Packaging Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com