Electronic Components Datasheet Search
  English  ▼

X  

TCS3103 Datasheet(PDF) 5 Page - ams AG

Part # TCS3103
Description  LIGHT-TO-VOLTAGE COLOR SENSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3103 Datasheet(HTML) 5 Page - ams AG

  TCS3103 Datasheet HTML 1Page - ams AG TCS3103 Datasheet HTML 2Page - ams AG TCS3103 Datasheet HTML 3Page - ams AG TCS3103 Datasheet HTML 4Page - ams AG TCS3103 Datasheet HTML 5Page - ams AG TCS3103 Datasheet HTML 6Page - ams AG TCS3103 Datasheet HTML 7Page - ams AG TCS3103 Datasheet HTML 8Page - ams AG TCS3103 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TCS3103, TCS3104
LIGHT-TO-VOLTAGE COLOR SENSOR
TAOS108B − JULY 2010
4
r
r
Copyright
E 2010, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORM
TEST CIRCUIT
Input
Ee
10%
90%
Output
(see Note B)
tr
1/3 TCS310x
RL
VDD
1
3
+
−
VOX
Pulse
Generator
LED
(see Note A)
tf
90%
10%
NOTES: A. The input irradiance is supplied by a pulsed AlInGaP light-emitting diode with the following characteristics:
λp = 640 nm,
tr < 1 μs, tf < 1 μs.
B. The output waveform is monitored on an oscilloscope with the following characteristics: tr < 100 ns, Zi ≥ 1 MΩ, Ci ≤ 20 pF.
2
CL
MFP
Figure 1. Switching Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com