Electronic Components Datasheet Search
  English  ▼

X  

TCS3103 Datasheet(PDF) 9 Page - ams AG

Part # TCS3103
Description  LIGHT-TO-VOLTAGE COLOR SENSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3103 Datasheet(HTML) 9 Page - ams AG

Back Button TCS3103 Datasheet HTML 5Page - ams AG TCS3103 Datasheet HTML 6Page - ams AG TCS3103 Datasheet HTML 7Page - ams AG TCS3103 Datasheet HTML 8Page - ams AG TCS3103 Datasheet HTML 9Page - ams AG TCS3103 Datasheet HTML 10Page - ams AG TCS3103 Datasheet HTML 11Page - ams AG TCS3103 Datasheet HTML 12Page - ams AG TCS3103 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TCS3103, TCS3104
LIGHT-TO-VOLTAGE COLOR SENSOR
TAOS108B − JULY 2010
8
r
r
Copyright
E 2010, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
MECHANICAL DATA
TOP VIEW
DETAIL A
2.18
+ 0.05
Ao
0.254
+ 0.02
5
5 Max
4.00
8.00
3.50
+ 0.05
j 1.50
4.00
2.00
+ 0.05
+ 0.30
− 0.10
1.75
B
B
AA
j 1.00
+ 0.25
DETAIL B
2.18
+ 0.05
Bo
5
5 Max
0.83
+ 0.05
Ko
NOTES: A. All linear dimensions are in millimeters. Dimension tolerance is
± 0.10 mm unless otherwise noted.
B. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
C. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001.
D. Each reel is 178 millimeters in diameter and contains 3500 parts.
E. TAOS packaging tape and reel conform to the requirements of EIA Standard 481−B.
F. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
G. This drawing is subject to change without notice.
Figure 8. Package FN Carrier Tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com