Electronic Components Datasheet Search
  English  ▼

X  

TCS3771 Datasheet(PDF) 8 Page - ams AG

Part # TCS3771
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3771 Datasheet(HTML) 8 Page - ams AG

Back Button TCS3771 Datasheet HTML 4Page - ams AG TCS3771 Datasheet HTML 5Page - ams AG TCS3771 Datasheet HTML 6Page - ams AG TCS3771 Datasheet HTML 7Page - ams AG TCS3771 Datasheet HTML 8Page - ams AG TCS3771 Datasheet HTML 9Page - ams AG TCS3771 Datasheet HTML 10Page - ams AG TCS3771 Datasheet HTML 11Page - ams AG TCS3771 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
TCS3771
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS110A − MARCH 2011
7
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
TYPICAL CHARACTERISTICS
Figure 2
300
500
700
900
1100
λ − Wavelength − nm
PHOTODIODE SPECTRAL RESPONSIVITY
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
TA = 25°C
Normalized to
Clear
@ 755 nm
Red
Blue
Green
Clear
25 mA
12.5 mA
Figure 3
LDR Voltage − V
TYPICAL LDR CURRENT
vs.
VOLTAGE
50 mA
100 mA
0
0.5
1
1.5
2
2.5
0
20
40
60
80
100
120
140
160
3
Figure 4
NORMALIZED IDD
vs.
VDD and TEMPERATURE
VDD — V
94%
96%
98%
100%
102%
104%
106%
108%
110%
92%
2.7
2.8
2.9
3
3.1
3.2
3.3
75
5C
50
5C
25
5C
0
5C
Figure 5
NORMALIZED RESPONSIVITY
vs.
ANGULAR DISPLACEMENT
Q − Angular Displacement − °
0
0.2
0.4
0.6
0.8
1.0
−90
−60
−30
0
30
60
90
-Q
+Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com