Electronic Components Datasheet Search
  English  ▼

X  

TCS3771 Datasheet(PDF) 24 Page - ams AG

Part # TCS3771
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3771 Datasheet(HTML) 24 Page - ams AG

Back Button TCS3771 Datasheet HTML 20Page - ams AG TCS3771 Datasheet HTML 21Page - ams AG TCS3771 Datasheet HTML 22Page - ams AG TCS3771 Datasheet HTML 23Page - ams AG TCS3771 Datasheet HTML 24Page - ams AG TCS3771 Datasheet HTML 25Page - ams AG TCS3771 Datasheet HTML 26Page - ams AG TCS3771 Datasheet HTML 27Page - ams AG TCS3771 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
TCS3771
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS110A − MARCH 2011
23
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Control Register (0x0F)
The Control register provides eight bits of miscellaneous control to the analog block. These bits typically control
functions such as gain settings and/or diode selection.
Table 12.
Control Register
6
75
4
2
31
0
CONTROL
PDRIVE
Resv
Address
0x0F
PDIODE
Reserved
AGAIN
FIELD
BITS
DESCRIPTION
PDRIVE
7:6
LED Drive Strength.
FIELD VALUE
LED STRENGTH
00
100 mA
01
50 mA
10
25 mA
11
12.5 mA
PDIODE
5:4
Proximity Diode Select.
FIELD VALUE
DIODE SELECTION
00
Reserved
01
Proximity uses the clear (broadband) diode
10
Proximity uses the IR diode
11
Proximity uses both the clear diode and the red diode
Reserved
3:2
Reserved.
Write bits as 0
AGAIN
1:0
RGBC Gain Control.
FIELD VALUE
RGBC GAIN VALUE
00
1
× gain
01
4
× gain
10
16
× gain
11
60
× gain
ID Register (0x12)
The ID Register provides the value for the part number. The ID register is a read-only register.
Table 13. ID Register
6
75
4
2
31
0
ID
ID
Address
0x12
FIELD
BITS
DESCRIPTION
ID
7:0
Part number identification
0x18 = TCS37711 &TCS37715
ID
7:0
Part number identification
0x19 = TCS37713 & TCS37717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com