Electronic Components Datasheet Search
  English  ▼

X  

TCS3771 Datasheet(PDF) 23 Page - ams AG

Part # TCS3771
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3771 Datasheet(HTML) 23 Page - ams AG

Back Button TCS3771 Datasheet HTML 19Page - ams AG TCS3771 Datasheet HTML 20Page - ams AG TCS3771 Datasheet HTML 21Page - ams AG TCS3771 Datasheet HTML 22Page - ams AG TCS3771 Datasheet HTML 23Page - ams AG TCS3771 Datasheet HTML 24Page - ams AG TCS3771 Datasheet HTML 25Page - ams AG TCS3771 Datasheet HTML 26Page - ams AG TCS3771 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
TCS3771
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS110A − MARCH 2011
22
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Configuration Register (0x0D)
The configuration register sets the wait long time.
Table 10.
Configuration Register
6
75
4
2
31
0
CONFIG
Reserved
WLONG
Address
0x0D
Reserved
FIELD
BITS
DESCRIPTION
Reserved
7:2
Reserved. Write as 0.
WLONG
1
Wait Long. When asserted, the wait cycles are increased by a factor 12
× from that programmed in the
WTIME register.
Reserved
0
Reserved. Write as 0.
Proximity Pulse Count Register (0x0E)
The proximity pulse count register sets the number of proximity pulses that will be transmitted. When proximity
detection is enabled, a proximity detect cycle occurs after each RGBC cycle. PPULSE defines the number of
pulses to be transmitted.
NOTE: The ATIME register will be used to time the interval between proximity detection events even if the RGBC
function is disabled.
Table 11.
Proximity Pulse Count Register
6
75
4
2
31
0
PPULSE
PPULSE
Address
0x0E
FIELD
BITS
DESCRIPTION
PPULSE
7:0
Proximity Pulse Count. Specifies the number of proximity pulses to be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com