Electronic Components Datasheet Search
  English  ▼

X  

TCS3771 Datasheet(PDF) 25 Page - ams AG

Part # TCS3771
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3771 Datasheet(HTML) 25 Page - ams AG

Back Button TCS3771 Datasheet HTML 21Page - ams AG TCS3771 Datasheet HTML 22Page - ams AG TCS3771 Datasheet HTML 23Page - ams AG TCS3771 Datasheet HTML 24Page - ams AG TCS3771 Datasheet HTML 25Page - ams AG TCS3771 Datasheet HTML 26Page - ams AG TCS3771 Datasheet HTML 27Page - ams AG TCS3771 Datasheet HTML 28Page - ams AG TCS3771 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
TCS3771
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS110A − MARCH 2011
24
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Status Register (0x13)
The Status Register provides the internal status of the device. This register is read only.
Table 14. Status Register
6
75
4
AVALID
2
31
0
STATUS
Reserved
Resv
AINT
Address
0x13
Reserved
PINT
PVALID
FIELD
BIT
DESCRIPTION
Reserved
7:6
Reserved.
PINT
5
Proximity Interrupt.
AINT
4
RGBC clear channel Interrupt.
Reserved
3:2
Reserved.
PVALID
1
Proximity Valid. Indicates that a RGBC cycle has completed since AEN was asserted.
AVALID
0
RGBC Valid. Indicates that the RGBC channels have completed an integration cycle.
RGBC Channel Data Registers (0x14 − 0x1B)
Clear, red, green, and blue data is stored as 16-bit values. To ensure the data is read correctly, a two-byte read
I2C transaction should be used with a read word protocol bit set in the command register. With this operation,
when the lower byte register is read, the upper eight bits are stored into a shadow register, which is read by a
subsequent read to the upper byte. The upper register will read the correct value even if additional ADC
integration cycles end between the reading of the lower and upper registers.
Table 15. ADC Channel Data Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
CDATA
0x14
7:0
Clear data low byte
CDATAH
0x15
7:0
Clear data high byte
RDATA
0x16
7:0
Red data low byte
RDATAH
0x17
7:0
Red data high byte
GDATA
0x18
7:0
Green data low byte
GDATAH
0x19
7:0
Green data high byte
BDATA
0x1A
7:0
Blue data low byte
BDATAH
0x1B
7:0
Blue data high byte
Proximity Data Registers (0x1C − 0x1D)
Proximity data is stored as a 16-bit value. To ensure the data is read correctly, a two-byte read I2C transaction
should be used with a read word protocol bit set in the command register. With this operation, when the lower
byte register is read, the upper eight bits are stored into a shadow register, which is read by a subsequent read
to the upper byte. The upper register will read the correct value even if additional ADC integration cycles end
between the reading of the lower and upper registers.
Table 16.
PDATA Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
PDATA
0x1C
7:0
Proximity data low byte
PDATAH
0x1D
7:0
Proximity data high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com