Electronic Components Datasheet Search
  English  ▼

X  

TSL2771 Datasheet(PDF) 20 Page - ams AG

Part # TSL2771
Description  LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2771 Datasheet(HTML) 20 Page - ams AG

Back Button TSL2771 Datasheet HTML 16Page - ams AG TSL2771 Datasheet HTML 17Page - ams AG TSL2771 Datasheet HTML 18Page - ams AG TSL2771 Datasheet HTML 19Page - ams AG TSL2771 Datasheet HTML 20Page - ams AG TSL2771 Datasheet HTML 21Page - ams AG TSL2771 Datasheet HTML 22Page - ams AG TSL2771 Datasheet HTML 23Page - ams AG TSL2771 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
TSL2771
LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS100B − FEBRUARY 2011
19
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
ALS Timing Register (0x01)
The ALS timing register controls the internal integration time of the ALS channel ADCs in 2.72 ms increments.
Table 4. ALS Timing Register
FIELD
BITS
DESCRIPTION
ATIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.72 ms
1024
0xF6
10
27.2 ms
10240
0xDB
37
101 ms
37888
0xC0
64
174 ms
65535
0x00
256
696 ms
65535
Proximity Time Control Register (0x02)
The proximity timing register controls the integration time of the proximity ADC in 2.72 ms increments. It is
recommended that this register be programmed to a value of 0xFF (1 integration cycle).
Table 5.
Proximity Time Control Register
FIELD
BITS
DESCRIPTION
PTIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.72 ms
1023
Wait Time Register (0x03)
Wait time is set 2.72 ms increments unless the WLONG bit is asserted in which case the wait times are 12
×
longer. WTIME is programmed as a 2’s complement number.
Table 6.
Wait Time Register
FIELD
BITS
DESCRIPTION
WTIME
7:0
REGISTER VALUE
WAIT TIME
TIME (WLONG = 0)
TIME (WLONG = 1)
0xFF
1
2.72 ms
0.032 sec
0xB6
74
201 ms
2.4 sec
0x00
256
696 ms
8.3 sec
NOTE: The Proximity Wait Time Register should be configured before PEN and/or AEN is/are asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com