Electronic Components Datasheet Search
  English  ▼

X  

TSL2771 Datasheet(PDF) 26 Page - ams AG

Part # TSL2771
Description  LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2771 Datasheet(HTML) 26 Page - ams AG

Back Button TSL2771 Datasheet HTML 22Page - ams AG TSL2771 Datasheet HTML 23Page - ams AG TSL2771 Datasheet HTML 24Page - ams AG TSL2771 Datasheet HTML 25Page - ams AG TSL2771 Datasheet HTML 26Page - ams AG TSL2771 Datasheet HTML 27Page - ams AG TSL2771 Datasheet HTML 28Page - ams AG TSL2771 Datasheet HTML 29Page - ams AG TSL2771 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
TSL2771
LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS100B − FEBRUARY 2011
25
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
APPLICATION INFORMATION: HARDWARE
LED Driver Pin with Proximity Detection
In a proximity sensing system, the IR LED can be pulsed by the TSL2771 with more than 100 mA of rapidly
switching current, therefore, a few design considerations must be kept in mind to get the best performance. The
key goal is to reduce the power supply noise coupled back into the device during the LED pulses.
The first recommendation is to use two power supplies; one for the device VDD and the other for the IR LED.
In many systems, there is a quiet analog supply and a noisy digital supply. By connecting the quiet supply to
the VDD pin and the noisy supply to the LED, the key goal can be meet. Place a 1-μF low-ESR decoupling
capacitor as close as possible to the VDD pin and another at the LED anode, and a 22-μF capacitor at the output
of the LED voltage regulator to supply the 100-mA current surge.
TSL2771
INT
SDA
SCL
VDD
LDR
1
mF
Voltage
Regulator
Voltage
Regulator
. 22 mF
* Cap Value Per Regulator Manufacturer Recommendation
IR LED
GND
VBUS
RP
RP
RPI
C*
1
mF
Figure 16. Proximity Sensing Using Separate Power Supplies
If it is not possible to provide two separate power supplies, the device can be operated from a single supply.
A 22-
Ω resistor in series with the VDD supply line and a 1-μF low ESR capacitor effectively filter any power supply
noise. The previous capacitor placement considerations apply.
TSL2771
INT
SDA
SCL
VDD
LDR
1
mF
Voltage
Regulator
. 22 mF
IR LED
GND
VBUS
RP
RP
RPI
1
mF
22
W
Figure 17. Proximity Sensing Using Single Power Supply
VBUS in the above figures refers to the I2C bus voltage which is either VDD or 1.8 V. Be sure to apply the specified
I2C bus voltage shown in the Available Options table for the specific device being used.
The I2C signals and the Interrupt are open-drain outputs and require pull−up resistors. The pull-up resistor (RP)
value is a function of the I2C bus speed, the I2C bus voltage, and the capacitive load. The TAOS EVM running
at 400 kbps, uses 1.5-k
Ω resistors. A 10-kΩ pull-up resistor (RPI) can be used for the interrupt line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com