Electronic Components Datasheet Search
  English  ▼

X  

TSL2771 Datasheet(PDF) 22 Page - ams AG

Part # TSL2771
Description  LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2771 Datasheet(HTML) 22 Page - ams AG

Back Button TSL2771 Datasheet HTML 18Page - ams AG TSL2771 Datasheet HTML 19Page - ams AG TSL2771 Datasheet HTML 20Page - ams AG TSL2771 Datasheet HTML 21Page - ams AG TSL2771 Datasheet HTML 22Page - ams AG TSL2771 Datasheet HTML 23Page - ams AG TSL2771 Datasheet HTML 24Page - ams AG TSL2771 Datasheet HTML 25Page - ams AG TSL2771 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
TSL2771
LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS100B − FEBRUARY 2011
21
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Persistence Register (0x0C)
The persistence register controls the filtering interrupt capabilities of the device. Configurable filtering is
provided to allow interrupts to be generated after each ADC integration cycle or if the ADC integration has
produced a result that is outside of the values specified by threshold register for some specified amount of time.
Separate filtering is provided for proximity and ALS functions. ALS interrupts are generated using C0DATA.
Table 9. Persistence Register
6
75
4
APERS
2
31
0
PERS
PPERS
Address
0x0C
FIELD
BITS
DESCRIPTION
PPERS
7:4
Proximity interrupt persistence. Controls rate of proximity interrupt to the host processor.
FIELD VALUE
MEANING
INTERRUPT PERSISTENCE FUNCTION
0000
−−−
Every proximity cycle generates an interrupt
0001
1
1 proximity value out of range
0010
2
2 consecutive proximity values out of range
...
...
...
1111
15
15 consecutive proximity values out of range
APERS
3:0
Interrupt persistence. Controls rate of interrupt to the host processor.
FIELD VALUE
MEANING
INTERRUPT PERSISTENCE FUNCTION
0000
Every
Every ALS cycle generates an interrupt
0001
1
1 value outside of threshold range
0010
2
2 consecutive values out of range
0011
3
3 consecutive values out of range
0100
5
5 consecutive values out of range
0101
10
10 consecutive values out of range
0110
15
15 consecutive values out of range
0111
20
20 consecutive values out of range
1000
25
25 consecutive values out of range
1001
30
30 consecutive values out of range
1010
35
35 consecutive values out of range
1011
40
40 consecutive values out of range
1100
45
45 consecutive values out of range
1101
50
50 consecutive values out of range
1110
55
55 consecutive values out of range
1111
60
60 consecutive values out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com