Electronic Components Datasheet Search
  English  ▼

X  

BCX54 Datasheet(PDF) 12 Page - EPCOS

Part # BCX54
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BCX54 Datasheet(HTML) 12 Page - EPCOS

Back Button BCX54 Datasheet HTML 8Page - EPCOS BCX54 Datasheet HTML 9Page - EPCOS BCX54 Datasheet HTML 10Page - EPCOS BCX54 Datasheet HTML 11Page - EPCOS BCX54 Datasheet HTML 12Page - EPCOS BCX54 Datasheet HTML 13Page - EPCOS BCX54 Datasheet HTML 14Page - EPCOS BCX54 Datasheet HTML 15Page - EPCOS BCX54 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
20
04/00
It is, therefore, necessary to find out the internal impedances so that optimum filter circuit designs
as well as economical solutions can be implemented.
The internal impedances of the power networks under consideration are usually known from calcu-
lations and extensive measurements, whereas the impedances of interference sources or disturbed
equipment are, in most cases, not or only inadequately known.
For this reason, it is impossible to design the most suitable filter solution without measuring the
equipment characteristics. In this context, we offer all our customers the competent assistance of
our skilled staff, both on-site and in our EMC laboratory in Regensburg (also see chapter on “Ser-
vices offered”, page 32).
3
Selection criteria for EMC components
To comply with currently valid regulations, a frequency range of 150 kHz to 1000 MHz has to be
taken into consideration, in most cases, in order to ensure electromagnetic compatibility; in addition,
however, factors such as low-frequency line interference should be considered.
EMC components must thus have favorable RF characteristics and are ususally required to be ef-
fective over a broad frequency range.
For individual components (inductors) the RF characteristics are specified by stating the impedance
as a function of frequency.
4
Arrangement of EMC components
When designing filter circuits using individual components, observe the following basic rules:
s
The components should be arranged along the lines (see example in fig. 10) to avoid capacitive
and inductive coupling between components and between filter inputs and outputs.
s
As insertion loss of a filter circuit in the MHz range is mainly determined by the capacitors con-
nected to ground, the connecting leads of these capacitors should be as inductance-free as pos-
sible, i.e. short.
s
Filter circuits which are to be installed in devices with limited space must be shielded.
Fig. 10
Correct arrangement of filter components, e.g. on a PC board
Chokeint
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com