Electronic Components Datasheet Search
  English  ▼

X  

BCX54 Datasheet(PDF) 19 Page - EPCOS

Part # BCX54
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BCX54 Datasheet(HTML) 19 Page - EPCOS

Back Button BCX54 Datasheet HTML 14Page - EPCOS BCX54 Datasheet HTML 15Page - EPCOS BCX54 Datasheet HTML 16Page - EPCOS BCX54 Datasheet HTML 17Page - EPCOS BCX54 Datasheet HTML 18Page - EPCOS BCX54 Datasheet HTML 19Page - EPCOS BCX54 Datasheet HTML 20Page - EPCOS BCX54 Datasheet HTML 21Page - EPCOS BCX54 Datasheet HTML 22Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
27
04/00
8.3
RF characteristics of various types of winding
Figure 13 shows the relation between the impedance and the frequency for two chokes of equal in-
ductance. One of the chokes has a two-layer winding and the other is randomly wound. The choke
with random windings has a considerably higher first resonance frequency. The spurious resonanc-
es are very much higher than 10 MHz. The impedance at frequencies above the first resonance fre-
quency is approximately five times higher. This leads to better interference suppression at high
frequencies.
Fig. 13
Impedance |
Z| versus frequency f
comparison between two-layer winding and random winding
The RF characteristics of all chokes supplied by EPCOS are within the specifications and reproduc-
ible, as the winding processes which we have developed for single-layer, multilayer and random
winding ensure that the characteristics of the inductors produced display very little variation.
The reproducibility of electrical characteristics of chokes is mainly determined by the production
technique used. At EPCOS, coils are wound mainly by automatic machines (either fully or semi-au-
tomated). This permits even complicated winding patterns to be produced in large production runs
with very little variation in product characteristics. In fig. 14, the impedance curves of several
chokes, some wound manually and some by machine, are shown for comparison. With the random
winding used in this comparison, the advantages of machine winding are clearly noticeable.
Random wdg.
2-layer wdg.
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com