Electronic Components Datasheet Search
  English  ▼

X  

BCX54 Datasheet(PDF) 20 Page - EPCOS

Part # BCX54
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BCX54 Datasheet(HTML) 20 Page - EPCOS

Back Button BCX54 Datasheet HTML 14Page - EPCOS BCX54 Datasheet HTML 15Page - EPCOS BCX54 Datasheet HTML 16Page - EPCOS BCX54 Datasheet HTML 17Page - EPCOS BCX54 Datasheet HTML 18Page - EPCOS BCX54 Datasheet HTML 19Page - EPCOS BCX54 Datasheet HTML 20Page - EPCOS BCX54 Datasheet HTML 21Page - EPCOS BCX54 Datasheet HTML 22Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
28
04/00
Fig. 14
Impedance |
Z| versus frequency f
Reproducibility and scatter achieved by manual and by machine winding techniques.
9
Climatic characteristics
9.1
Upper and lower category temperature
Tmax and Tmin
The upper category temperature
Tmax und the lower category temperature Tmin are defined as the
highest and the lowest permissible ambient temperatures, respectively, at which the component
can be operated continuously.
9.2
Rated temperature
TR
The rated temperature
TR is defined as the highest ambient temperature at which the component
may be operated under nominal conditions.
9.3
Reference temperature for measurements
Unless otherwise specified in the data sheets, the reference temperature for all electrical measure-
ments is 20
°C in accordance with IEC 60068-1.
Manually wound
Machine wound
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com