Electronic Components Datasheet Search
  English  ▼

X  

BCX54 Datasheet(PDF) 4 Page - EPCOS

Part # BCX54
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BCX54 Datasheet(HTML) 4 Page - EPCOS

  BCX54 Datasheet HTML 1Page - EPCOS BCX54 Datasheet HTML 2Page - EPCOS BCX54 Datasheet HTML 3Page - EPCOS BCX54 Datasheet HTML 4Page - EPCOS BCX54 Datasheet HTML 5Page - EPCOS BCX54 Datasheet HTML 6Page - EPCOS BCX54 Datasheet HTML 7Page - EPCOS BCX54 Datasheet HTML 8Page - EPCOS BCX54 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
12
04/00
2
Electromagnetic compatibility (EMC)
2.1
Introduction
For as long as electronic transmission equipment such as radio, television, and telephone has been
in existence, it has had a history of susceptibility to interference from other electronic devices. Legal
regulations on interference suppression (electromagnetic and radio frequency interference, EMI
and RFI) have been in existence since 1928. These regulations protect transmission paths and re-
ception equipment by limiting the emitted interference.
In view of the increasing number of electrical and electronic appliances in use, not only the princi-
ples of interference suppression must be observed, but also, in the sense of electromagnetic com-
patibility (EMC), it must be ensured that all equipment is able to operate simultaneously without
problems. EMC is defined as the ability of electrical equipment to function satisfactorily in its elec-
tromagnetic environment without affecting other equipment in this environment to an impermissible
extent.
The European Communities’ EMC Directive (89/336/EEC) came into force on the 1. 1. 1996. It has
been transformed into corresponding legislation in the individual EU (European Union) member
states. With this, it has become mandatory to design electronic equipment to comply with the pro-
tection objectives of this Directive; i.e. to meet the requirements for electromagnetic emission and
electromagnetic immunity as laid down in the corresponding EN standards (European Standards).
The concept of EMC includes both electromagnetic emission (EME) and electromagnetic immunity/
susceptibility (EMS), see fig. 3.
Fig. 3
EMC terms
An interference source may generate conducted or radiated electromagnetic energy, i.e. conducted
emission (CE) or radiated emission (RE). This also applies to the propagation paths and to the elec-
tromagnetic susceptibility of disturbed equipment.
In order to work out economical solutions, it is necessary consider both phenomena, i.e. propaga-
tion and susceptibility, to an equal extent, and not just one aspect, e.g. conducted emission.
EMC = Electromagnetic
compatibility
EME = Electromagnetic
emission
EMS = Electromagnetic
immunity/susceptibility
CE
= Conducted emission
CS
= Susceptibility to
conducted emission
RE
= Radiated emission
RS
= Susceptibility to
radiated emission
EMC
EME
EMS
CE
CS
RE
RS
Emission
Susceptibility
Conducted
Radiated
Interference
source
Disturbed
equipment
Propagation
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com