Electronic Components Datasheet Search
  English  ▼

X  

BC54PA Datasheet(PDF) 7 Page - EPCOS

Part # BC54PA
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BC54PA Datasheet(HTML) 7 Page - EPCOS

Back Button BC54PA Datasheet HTML 3Page - EPCOS BC54PA Datasheet HTML 4Page - EPCOS BC54PA Datasheet HTML 5Page - EPCOS BC54PA Datasheet HTML 6Page - EPCOS BC54PA Datasheet HTML 7Page - EPCOS BC54PA Datasheet HTML 8Page - EPCOS BC54PA Datasheet HTML 9Page - EPCOS BC54PA Datasheet HTML 10Page - EPCOS BC54PA Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
15
04/00
Disturbed equipment
Electrical devices, equipment and/or systems subject to interference and which can be adversely
affected by it are termed disturbed equipment.
In the same way as interference sources, disturbed equipment can also be categorized correspond-
ing to frequency characteristics. A distinction can be made between narrowband and broadband
susceptibility (fig. 6).
Narrowband systems include radio and TV sets, for example, whereas data processing systems are
generally specified as broadband systems.
Fig. 6
Disturbed equipment
2.3
Propagation of electromagnetic interference and EMC measurement techniques
As previously mentioned, an interference source causes both conducted and radiated electro-
magnetic interference.
Propagation along lines can be detected by measuring the interference current and the interference
voltage (fig. 7).
The effect of magnetic and electric interference fields on their immediate vicinity is assessed by
measuring the radiated magnetic and electric field components. This method of propagation is also
frequently termed electric or magnetic coupling (near field).
In higher frequency ranges, characterized by the fact that device dimensions are in the order of
magnitude of the wavelength under consideration, the interference energy is mainly radiated direct-
ly (far field).
Conducted and radiated propagation must also be taken into consideration when measuring the
susceptibility of disturbed equipment.
Interference sources e.g. sine-wave generators as well as pulse generators with a wide variety of
pulse shapes are used for such tests.
Radio and TV receivers
Digital and analog systems
Radio reception equipment
Data processing systems
Modems
Process control computers
Data transmission systems
Control systems
Telemetric radio transmission devices
Video transmission systems
Frequency-coded signalling equipment
Interface lines
Disturbed equipment (affected by EMI)
Narrowband susceptibility
Broadband susceptibility
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com