Electronic Components Datasheet Search
  English  ▼

X  

BC54PA Datasheet(PDF) 8 Page - EPCOS

Part # BC54PA
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BC54PA Datasheet(HTML) 8 Page - EPCOS

Back Button BC54PA Datasheet HTML 4Page - EPCOS BC54PA Datasheet HTML 5Page - EPCOS BC54PA Datasheet HTML 6Page - EPCOS BC54PA Datasheet HTML 7Page - EPCOS BC54PA Datasheet HTML 8Page - EPCOS BC54PA Datasheet HTML 9Page - EPCOS BC54PA Datasheet HTML 10Page - EPCOS BC54PA Datasheet HTML 11Page - EPCOS BC54PA Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
16
04/00
Fig. 7
Propagation of electromagnetic interference and EMC measurement techniques
2.4
EMC regulations und legislation
A wide range of legislation and of harmonized standards have come into force and been published
in the field of EMC in the past few years. In the European Union, the EMC Directive 89/336/EEC of
the Council of the European Communites has come into effect on the 1st of January 1996. As of
this date, all electronic equipment must comply with the protection objectives of the EMC Directive.
The conformity with the respective standards must be guaranteed by the manufacturer or importer
in the form of a declaration of conformity. A CE mark of conformity must be applied to all equipment.
As a matter of principle, all electrical or electronic equipment, installations and systems must meet
the protection requirements of the EMC Directive and/or national EMC legislation. A declaration of
conformity by the manufacturer or importer and a CE mark are required for most equipment. Excep-
tions to this rule and special rulings are described in detail in the EMC laws.
New, harmonized European standards have been drawn up in relation to the EEC’s EMC Directive
and the national EMC laws. These specify measurement procedures and limit values or test sever-
ities, both for interference emission and for the interference susceptibility (or rather, immunity to in-
terference) of electronic devices, equipment and systems.
The subdivision of the European standards into various categories (cf. following table) makes it
easier to find the rules that apply to the respective equipment.
The generic standards always apply to all equipment for which there is no specific product family
standard or dedicated product standard.
The basic standards contain information on interference phenomena and general measuring
methods.
SSB0016-2
Quelle
Breitbandantenne
Messempfänger
Rahmenantenne
Netzzuführung
Netz-
Nachbildung
Stabantenne
Nahfeldkopplung
S
Ι
S
U
Stromwandler
PS
S
H
E S
Messempfänger
Messempfänger
Messempfänger
Tastkopf
Spektrumanalysator
Speicheroszillograph
Transientenrekorder
SSB0016-2
Selective voltmeter
Spectrum analyzer
Storage oscilloscope
Transient recorder
Near field coupling
Broadband dipole antenna
probe
Source
Line impedance
Loop antenna
Rod antenna
Selective voltmeter
Selective voltmeter
Vint
Iint
Pint
Eint
Hint
Selective voltmeter
stabilization
network
Hint = Magnetic
interference fields
Eint = Electrical
interference fields
Pint = Electromagnetic
interference fields
(radiated emission)
Iint = Interference current
Vint = Interference voltage
Power supply
Current
probe
Voltage
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com