Electronic Components Datasheet Search
  English  ▼

X  

BC54PA Datasheet(PDF) 16 Page - EPCOS

Part # BC54PA
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BC54PA Datasheet(HTML) 16 Page - EPCOS

Back Button BC54PA Datasheet HTML 12Page - EPCOS BC54PA Datasheet HTML 13Page - EPCOS BC54PA Datasheet HTML 14Page - EPCOS BC54PA Datasheet HTML 15Page - EPCOS BC54PA Datasheet HTML 16Page - EPCOS BC54PA Datasheet HTML 17Page - EPCOS BC54PA Datasheet HTML 18Page - EPCOS BC54PA Datasheet HTML 19Page - EPCOS BC54PA Datasheet HTML 20Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
24
04/00
7.14
Insertion loss
The insertion loss is a criterium for the effectivity of interference suppression components, as
measured by using a standardized measurement circuit (fig. 12).
Fig. 12
Definition of insertion loss
The input terminals of the equipment under test are connected to an RF generator with impedance
Z (usually 50
Ω) . At the output end of the component, the voltage is measured using a selective
voltmeter having the same impedance
Z. The insertion loss is then calculated from the quotient of
the no-load generator voltage
V0 and half the output voltage V2.
Insertion loss measurement
Reference measurement
U = V = Voltage
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com