Electronic Components Datasheet Search
  English  ▼

X  

BC54PA Datasheet(PDF) 9 Page - EPCOS

Part # BC54PA
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BC54PA Datasheet(HTML) 9 Page - EPCOS

Back Button BC54PA Datasheet HTML 5Page - EPCOS BC54PA Datasheet HTML 6Page - EPCOS BC54PA Datasheet HTML 7Page - EPCOS BC54PA Datasheet HTML 8Page - EPCOS BC54PA Datasheet HTML 9Page - EPCOS BC54PA Datasheet HTML 10Page - EPCOS BC54PA Datasheet HTML 11Page - EPCOS BC54PA Datasheet HTML 12Page - EPCOS BC54PA Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
17
04/00
The following standards and regulations form the framework of the conformity tests:
1) Is governed by the safety and quality standards of the product families.
EMC standards
Germany
Europe
International
Generic standards
define the EMC environment in which a device is to operate according to its intended use
Emission
residential
industrial
DIN EN 50081-1
DIN EN 50081-2
EN 50081-1
EN 50081-2
—
Susceptibility
residential
industrial
DIN EN 50082-1
DIN EN 50082-2
EN 50082-1
EN 50082-2
—
Basic standards
describe physical phenomena and measurement procedures
Basics
DIN VDE 0843
EN 61000
IEC 61000
Measuring equipment
DIN VDE 0876
CISPR 16-1
Measuring
emission
methods
susceptibility
DIN VDE 0877
EN 61000-4-1
CISPR 16-2
IEC 61000-4-1
Harmonics
DIN VDE 0838
EN 60555-2
IEC 61000-3-2
Interference factors
e.g.
ESD
EM fields
Burst
Surge
Injection
DIN VDE 0843-2
DIN VDE 0843-3
DIN VDE 0843-4
DIN VDE 0843-5
DIN VDE 0843-6
EN 61000-4-2
EN 61000-4-3
EN 61000-4-4
EN 61000-4-5
EN 61000-4-6
IEC 61000-4-2
IEC 61000-4-3
IEC 61000-4-4
IEC 61000-4-5
IEC 61000-4-6
Product standards
define limit values for emission and susceptibility
ISM equipment emission
susceptibility
DIN VDE 0875 T11
1)
EN 55011
1)
CISPR 11
1)
Household
emission
appliances
susceptibility
DIN VDE 0875 T14-1
DIN VDE 0875 T14-2
EN 55014-1
EN 55014-2
CISPR 14-1
CISPR 14-2
Lighting
emission
susceptibility
DIN VDE 0875 T15-1
DIN VDE 0875 T15-2
EN 55015-1
EN 55015-2
CISPR 15
IEC 3439
Radio and
emission
TV equipment
susceptibility
DIN VDE 0872 T13
DIN VDE 0872 T20
EN 55013
EN 55020
CISPR 13
CISPR 20
High-voltage
systems
emission
DIN VDE 0873
EN 55018
CISPR 18
ITE equipment
emission
susceptibility
DIN VDE 0878
DIN VDE 0878
EN 55022
EN 55022
CISPR 22
CISPR 22
Vehicles
emission
susceptibility
DIN VDE 0879
DIN VDE 0839
EN 72245
CISPR 25
ISO 11451/ S2
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com