Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LT1813
Description  Dual and Quad 25MHz, 600V/s Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1813 Datasheet(HTML) 5 Page - Linear Integrated Systems

  LT1813 Datasheet HTML 1Page - Linear Integrated Systems LT1813 Datasheet HTML 2Page - Linear Integrated Systems LT1813 Datasheet HTML 3Page - Linear Integrated Systems LT1813 Datasheet HTML 4Page - Linear Integrated Systems LT1813 Datasheet HTML 5Page - Linear Integrated Systems LT1813 Datasheet HTML 6Page - Linear Integrated Systems LT1813 Datasheet HTML 7Page - Linear Integrated Systems LT1813 Datasheet HTML 8Page - Linear Integrated Systems LT1813 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1358/LT1359
135859fb
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Differential inputs of
±10V are appropriate for transient operation
only, such as during slewing. Large, sustained differential inputs will cause
excessive power dissipation and may damage the part. See Input
Considerations in the Applications Information section of this data sheet
for more details.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 4: Slew rate is measured between
±10V on the output with ±6V input
for
±15V supplies and ±1V on the output with ±1.75V input for ±5V
supplies.
Note 5: Full power bandwidth is calculated from the slew rate
measurement: FPBW = (SR)/2
πVP.
Note 6: This parameter is not 100% tested.
Note 7. The LT1358C/LT1359C and LT1358I/LT1359I are guaranteed
functional over the operating temperature range of –40
°C to 85°C.
Note 8: The LT1358C/LT1359C are guaranteed to meet specified
performance from 0
°C to 70°C. The LT1358C/LT1359C are designed,
characterized and expected to meet specified performance from – 40
°C to
85
°C, but are not tested or QA sampled at these temperatures. The
LT1358I/LT1359I are guaranteed to meet specified performance from
–40
°C to 85°C.
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
±15V
●
1.3
mV
± 5V
●
1.3
mV
± 2.5V
●
1.5
mV
Input VOS Drift
(Note 6)
± 2.5V to ±15V
●
58
µV/°C
IOS
Input Offset Current
± 2.5V to ±15V
●
300
nA
IB
Input Bias Current
± 2.5V to ±15V
●
900
nA
CMRR
Common Mode Rejection Ratio
VCM = ±12V
±15V
●
80
dB
VCM = ±2.5V
± 5V
●
76
dB
VCM = ±0.5V
± 2.5V
●
66
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.5V to ±15V
●
90
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL = 1k
±15V
● 10.0
V/mV
VOUT = ±10V, RL = 500Ω
±15V
●
2.5
V/mV
VOUT = ±2.5V, RL = 1k
±5V
● 10.0
V/mV
VOUT = ±2.5V, RL = 500Ω
±5V
●
2.5
V/mV
VOUT = ±2.5V, RL = 150Ω
±5V
●
0.6
V/mV
VOUT = ±1V, RL = 500Ω
±2.5V
●
2.5
V/mV
VOUT
Output Swing
RL = 1k, VIN = ±40mV
±15V
● 13.0
±V
RL = 500Ω, VIN = ±40mV
±15V
● 12.0
±V
RL = 500Ω, VIN = ±40mV
±5V
●
3.4
±V
RL = 150Ω, VIN = ±40mV
±5V
●
2.6
±V
RL = 500Ω, VIN = ±40mV
±2.5V
●
1.2
±V
IOUT
Output Current
VOUT = ±12V
±15V
● 24.0
mA
VOUT = ±2.6V
±5V
● 17.3
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ±3V
±15V
●
24
mA
SR
Slew Rate
AV = – 2, (Note 4)
±15V
●
180
V/
µs
±5V
●
100
V/
µs
GBW
Gain Bandwidth
f = 200kHz, RL = 2k
±15V
●
14
MHz
±5V
●
11
MHz
Channel Separation
VOUT = ±10V, RL = 500Ω
±15V
●
98
dB
IS
Supply Current
Each Amplifier
±15V
●
3.0
mA
Each Amplifier
±5V
●
2.9
mA
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the temperature range –
40
°C ≤ TA ≤ 85°C, VCM = 0V unless otherwise noted. (Note 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com