Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LT1813
Description  Dual and Quad 25MHz, 600V/s Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1813 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LT1813 Datasheet HTML 1Page - Linear Integrated Systems LT1813 Datasheet HTML 2Page - Linear Integrated Systems LT1813 Datasheet HTML 3Page - Linear Integrated Systems LT1813 Datasheet HTML 4Page - Linear Integrated Systems LT1813 Datasheet HTML 5Page - Linear Integrated Systems LT1813 Datasheet HTML 6Page - Linear Integrated Systems LT1813 Datasheet HTML 7Page - Linear Integrated Systems LT1813 Datasheet HTML 8Page - Linear Integrated Systems LT1813 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1358/LT1359
135859fb
Total Supply Voltage (V+ to V–) ............................... 36V
Differential Input Voltage
(Transient Only) (Note 2)...................................
±10V
Input Voltage ............................................................
±VS
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 7) ...–40
°C to 85°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Specified Temperature Range (Note 8) ....–40
°C to 85°C
Maximum Junction Temperature (See Below)
Plastic Package ................................................ 150
°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
V+
D
14
13
12
11
10
9
8
7
6
5
4
3
2
1
OUT A
–IN A
+IN A
+IN B
–IN B
OUT B
OUT C
V –
–IN D
OUT D
TOP VIEW
A
+IN D
+IN C
–IN C
C
B
S PACKAGE
14-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 150°C/ W
V+
D
16
15
14
13
12
11
10
7
6
5
4
3
2
1
OUT A
–IN A
+IN A
+IN B
–IN B
OUT B
OUT C
9
8
NC
NC
V –
–IN D
OUT D
TOP VIEW
A
+IN D
+IN C
–IN C
C
B
S PACKAGE
16-LEAD PLASTIC SO
V+
D
14
13
12
11
10
9
8
7
6
5
4
3
2
1
OUT A
–IN A
+IN A
+IN B
–IN B
OUT B
OUT C
V –
–IN D
OUT D
TOP VIEW
A
+IN D
+IN C
–IN C
C
B
N PACKAGE
14-LEAD PDIP
TJMAX = 150°C, θJA = 110°C/ W
TJMAX = 150°C, θJA = 190°C/ W
8
7
6
5
4
3
2
1
–IN A
+IN A
V+
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
OUT A
OUT B
V –
–IN B
+IN B
A
B
8
7
6
5
4
3
2
1
–IN A
+IN A
V+
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
OUT A
OUT B
V –
–IN B
+IN B
A
B
LT1359CS
LT1359IS
ORDER PART NUMBER
LT1359CN
LT1359IN
*The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART NUMBER
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ORDER PART NUMBER
LT1358CN8
LT1358IN8
LT1358CS8
LT1358IS8
ORDER PART NUMBER
S8 PART MARKING
1358
1358I
TJMAX = 150°C, θJA = 130°C/ W
TJMAX = 150°C, θJA = 160°C/ W
LT1359CS14
LT1359IS14
ORDER PART NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com