Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 9 Page - Linear Integrated Systems

Part # LT1813
Description  Dual and Quad 25MHz, 600V/s Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1813 Datasheet(HTML) 9 Page - Linear Integrated Systems

Back Button LT1813 Datasheet HTML 5Page - Linear Integrated Systems LT1813 Datasheet HTML 6Page - Linear Integrated Systems LT1813 Datasheet HTML 7Page - Linear Integrated Systems LT1813 Datasheet HTML 8Page - Linear Integrated Systems LT1813 Datasheet HTML 9Page - Linear Integrated Systems LT1813 Datasheet HTML 10Page - Linear Integrated Systems LT1813 Datasheet HTML 11Page - Linear Integrated Systems LT1813 Datasheet HTML 12Page - Linear Integrated Systems LT1813 Datasheet HTML 13Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1358/LT1359
135859fb
FREQUENCY (Hz)
100k 200k
400k
–90
–80
–70
–60
–50
–40
–30
10M
135859 G28
1M
2M
4M
VS = ±15V
VO = 2VP-P
RL = 2k
AV = 2
3RD HARMONIC
2ND HARMONIC
135859 G29
FREQUENCY (Hz)
100k
–120
–40
1M
100M
10M
–50
–60
–70
–80
–90
–100
–110
TA = 25°C
VIN = 0dBm
RL = 500Ω
AV = 1
CAPACITIVE LOAD (F)
10p
0
100
1
µ
135859 G30
1000p
0.01
µ
50
100p
0.1
µ
AV = 1
AV = –1
TA = 25°C
VS = ±15V
Small-Signal Transient
(AV = 1)
Small-Signal Transient
(AV = –1)
Small-Signal Transient
(AV = –1, CL = 1000pF)
Large-Signal Transient
(AV = 1, CL = 10,000pF)
Large-Signal Transient
(AV = –1)
Large-Signal Transient
(AV = 1)
2nd and 3rd Harmonic Distortion
vs Frequency
Capacitive Load Handling
Crosstalk vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
135859 G31
135859 G32
135859 G36
135859 G35
135859 G33
135859 G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com