Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LT1813
Description  Dual and Quad 25MHz, 600V/s Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1813 Datasheet(HTML) 3 Page - Linear Integrated Systems

  LT1813 Datasheet HTML 1Page - Linear Integrated Systems LT1813 Datasheet HTML 2Page - Linear Integrated Systems LT1813 Datasheet HTML 3Page - Linear Integrated Systems LT1813 Datasheet HTML 4Page - Linear Integrated Systems LT1813 Datasheet HTML 5Page - Linear Integrated Systems LT1813 Datasheet HTML 6Page - Linear Integrated Systems LT1813 Datasheet HTML 7Page - Linear Integrated Systems LT1813 Datasheet HTML 8Page - Linear Integrated Systems LT1813 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1358/LT1359
135859fb
TA = 25°C, VCM = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
±15V
0.2
0.6
mV
±5V
0.2
0.6
mV
±2.5V
0.3
0.8
mV
IOS
Input Offset Current
±2.5V to ±15V
40
120
nA
IB
Input Bias Current
±2.5V to ±15V
120
500
nA
en
Input Noise Voltage
f = 10kHz
±2.5V to ±15V
8
nV/
√Hz
in
Input Noise Current
f = 10kHz
±2.5V to ±15V
0.8
pA/
√Hz
RIN
Input Resistance
VCM = ±12V
±15V
35
80
M
Ω
Input Resistance
Differential
±15V
6
M
Ω
CIN
Input Capacitance
±15V
3
pF
Input Voltage Range +
±15V
12.0
13.4
V
±5V
2.5
3.5
V
±2.5V
0.5
1.1
V
Input Voltage Range –
±15V
–13.2
–12.0
V
±5V
–3.3
– 2.5
V
±2.5V
–0.9
– 0.5
V
CMRR
Common Mode Rejection Ratio
VCM = ±12V
±15V
83
97
dB
VCM = ±2.5V
±5V
78
84
dB
VCM = ±0.5V
±2.5V
68
75
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.5V to ±15V
92
106
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL = 1k
±15V
20
65
V/mV
VOUT = ±10V, RL = 500Ω
±15V
7
25
V/mV
VOUT = ±2.5V, RL = 1k
±5V
20
45
V/mV
VOUT = ±2.5V, RL = 500Ω
±5V
7
25
V/mV
VOUT = ±2.5V, RL = 150Ω
±5V
1.5
6
V/mV
VOUT = ±1V, RL = 500Ω
±2.5V
7
30
V/mV
VOUT
Output Swing
RL = 1k, VIN = ±40mV
±15V
13.3
13.8
±V
RL = 500Ω, VIN = ±40mV
±15V
12.5
13.0
±V
RL = 500Ω, VIN = ±40mV
±5V
3.5
4.0
±V
RL = 150Ω, VIN = ±40mV
±5V
3.0
3.3
±V
RL = 500Ω, VIN = ±40mV
±2.5V
1.3
1.7
±V
IOUT
Output Current
VOUT = ±12.5V
±15V
25
30
mA
VOUT = ±3V
±5V
20
25
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ±3V
±15V
30
42
mA
SR
Slew Rate
AV = – 2, (Note 4)
±15V
300
600
V/
µs
±5V
150
220
V/
µs
Full Power Bandwidth
10V Peak, (Note 5)
±15V
9.6
MHz
3V Peak, (Note 5)
±5V
11.7
MHz
GBW
Gain Bandwidth
f = 200kHz, RL = 2k
±15V
18
25
MHz
±5V
15
22
MHz
±2.5V
20
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10%-90%, 0.1V
±15V
8
ns
±5V
9
ns
Overshoot
AV = 1, 0.1V
±15V
27
%
±5V
27
%
Propagation Delay
50% VIN to 50% VOUT, 0.1V
±15V
9
ns
±5V
11
ns
ts
Settling Time
10V Step, 0.1%, AV = –1
±15V
115
ns
10V Step, 0.01%, AV = –1
±15V
220
ns
5V Step, 0.1%, AV = –1
±5V
110
ns
5V Step, 0.01%, AV = –1
±5V
380
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com