Electronic Components Datasheet Search
  English  ▼

X  

AT88SC102 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT88SC102
Description  Smart Card ICs 1K E2PROM with Security Logic
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC102 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT88SC102 Datasheet HTML 1Page - ATMEL Corporation AT88SC102 Datasheet HTML 2Page - ATMEL Corporation AT88SC102 Datasheet HTML 3Page - ATMEL Corporation AT88SC102 Datasheet HTML 4Page - ATMEL Corporation AT88SC102 Datasheet HTML 5Page - ATMEL Corporation AT88SC102 Datasheet HTML 6Page - ATMEL Corporation AT88SC102 Datasheet HTML 7Page - ATMEL Corporation AT88SC102 Datasheet HTML 8Page - ATMEL Corporation AT88SC102 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
• 1Kx 1 Serial E2PROM With Security Logic
• Available in Two Memory Organizations:
AT88SC10111K x 1Memory Zone
AT88SC1022512 x 1Memory Zone
• Supports ISO/IEC 7816-3 Synchronous Protocol
• Stores and Validates Security Codes
• Counts Incorrect Security Code Attempts
• Provides Transport Code Security
• Manufactured Using Low Power CMOS Technology
• VPP Internally Generated
• 2µs Read Access Time; 5 ms Write Cycle Time
• Temperature Range From -25°C to 70°C
• ESD Immunity > 4K Volts
• High Reliability:
100,000 Write/Erase Cycles
100 Years Data Retention
Smart Card ICs
1K E
2PROM
with Security
Logic
AT88SC101
AT88SC102
Block Diagram
Description
The AT88SC101/102 family provides 1024 bits of serial E2PROM (Electrically Eras-
able and Programmable Read Only Memory) with additional security logic for use in
secure smart card applications. The AT88SC101 is available in one 1024 x 1 bit mem-
ory zones, and the AT88SC102 is available in two 512 x 1 bit memory zones.
ISO Card Configuration
ISO
Contact
Pad
#
Pad
Name
Description
C1
8
VCC
Operating Voltage
C2
7
RST
Reset
C3
6
CLK
Clock and Address Control
C4
5
FUS
Identification Fuses
C5
1
VSS
Ground
C6
2
NC
No Connect
C7
3
I/O
Bi-directional Data Port
C8
4
PGM
Programming Control
C1
C2
C3
C4
C5
C6
C7
C8
V
cc
V
ss
N/C
I/O
PGM
RST
CLK
FUS
Card Module Contacts


Similar Part No. - AT88SC102

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC102 ATMEL-AT88SC102_14 Datasheet
531Kb / 26P
Maximum of Four Incorrect Security Code Attempts
More results

Similar Description - AT88SC102

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
Security & Chip Card ICs
2004.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com