Electronic Components Datasheet Search
  English  ▼

X  

AT88SC102 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT88SC102
Description  Smart Card ICs 1K E2PROM with Security Logic
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC102 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT88SC102 Datasheet HTML 1Page - ATMEL Corporation AT88SC102 Datasheet HTML 2Page - ATMEL Corporation AT88SC102 Datasheet HTML 3Page - ATMEL Corporation AT88SC102 Datasheet HTML 4Page - ATMEL Corporation AT88SC102 Datasheet HTML 5Page - ATMEL Corporation AT88SC102 Datasheet HTML 6Page - ATMEL Corporation AT88SC102 Datasheet HTML 7Page - ATMEL Corporation AT88SC102 Datasheet HTML 8Page - ATMEL Corporation AT88SC102 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Memory Access to AT88SC101 and AT88SC102
The access to the memory is controlled by the state of the internal fuses and by the voltage supply applied on the FUS pad:
FUS Pad
Voltage
State of the FUSES
FUSE 1FUSE 2
Access Conditions See:
0V
Either
Either
Table 2
5V
Blown
Not Blown
Table 1
5V
Blown
Blown
Table 2
Table 1.
AT88SC101/102 Access Conditions During Personalization (FUSE 2 Not Blown)
Zones
S
C
1
P
R
1
R
D
2
P
R
2
R
D
E
Z
1
E
Z
2
E
C
READ
WRITE 1
(Erase)
WRITE 0
(PROG)
Compare
FZ
XXXXXXX
X
YES
NO
NO
NO
IZ
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
YES
YES
NO
YES
NO
YES
NO
NO
SC
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
NO
YES
NO
YES
NO
YES
YES
NO
SCAC
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
YES
YES
NO
YES
YES
YES
NO
NO
CPZ
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
YES
YES
NO
YES
NO
YES
NO
NO
AZ1
0
0
1
X
X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
NO
YES
YES
NO
NO
YES
NO
NO
YES
NO
NO
NO
EZ1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
NO
YES
NO
YES
NO
YES
NO
NO
AZ2
0
0
1
X
X
X
X
X
X
X
X
X
0
1
X
X
X
X
X
X
X
X
X
X
NO
YES
YES
NO
NO
YES
NO
NO
YES
NO
NO
NO
EZ2
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
NO
YES
NO
YES
NO
YES
NO
NO
EC
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
YES
YES
NO
YES
YES
YES
NO
NO
MTZ
XXXXXXX
X
YES
YES
YES
NO
Notes:
SC:SC = 1 after validation of security code
1PR:1st bit of AZ1 (Bit 176)
1RD:2nd bit of AZ1(Bit 177)
2PR:1st bit of AZ2 (Bit 736) - AT88SC102 only
2RD:
2nd bit of AZ2 (Bit 737) - AT88SC102 only
EZ1:
EZ1 = 1 after a valid presentation of erase key 1
EZ2:
EZ2 = 1 after a valid presentation of erase key 2
EC:
EC = 1 when the counter is not empty.
AT88SC101/102
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com