Electronic Components Datasheet Search
  English  ▼

X  

AT88SC102 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT88SC102
Description  Smart Card ICs 1K E2PROM with Security Logic
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC102 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT88SC102 Datasheet HTML 2Page - ATMEL Corporation AT88SC102 Datasheet HTML 3Page - ATMEL Corporation AT88SC102 Datasheet HTML 4Page - ATMEL Corporation AT88SC102 Datasheet HTML 5Page - ATMEL Corporation AT88SC102 Datasheet HTML 6Page - ATMEL Corporation AT88SC102 Datasheet HTML 7Page - ATMEL Corporation AT88SC102 Datasheet HTML 8Page - ATMEL Corporation AT88SC102 Datasheet HTML 9Page - ATMEL Corporation AT88SC102 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Table 5.
AT88SC101/102 Micro Instructions
Instruction
Bit
Word
Application Zone
Global
(When Fuse 2 =
1)
READ
RESET
n INC;position counter
on bit
——
—
WRITE ( WRITE 0)
RESET
n INC; position counter
on bit
WRITE0
INC; go to next bit
WRITE0;...
——
RESET
n INC; n = 1392 (101)
n = 1440 (102)
WRITE 0
ERASE (WRITE 1)
—
RESET
n INC;position counter on
first bit in word
WRITE 1
n INC;position counter on
first bit in next word
WRITE 1...
verify erase keys
AT88SC101 Zone 1/88SC102 Zone 2:
RESET
32 CMP
n INC; n = 1232 (101), n = 1280 (102)
VERIFY 1; verify 1 in EC
WRITE 0; write 0 in EC
WRITE 1; erase application zone
AT88SC102 Zone 1:
RESET
48 CMP
n INC; n = 736
WRITE 1; erase application zone
RESET
n INC; n = 1392 (101)
n = 1440 (102)
WRITE 1
CMP
• SECURITY
CODE
—
RESET
79 INC; position counter on
bit preceding SC
16 CMP; verify security code
n INC;If none of the 1st
4 bits of the SCAC is 1,
then 4 unsuccessful
attempts have been
made to verify SC,
and the device is
inoperable. If any of the
1st 4 bits is a 1, then:
WRITE 0
WRITE 1; Reset the SCAC
——
CMP
• ERASE KEYS
—
RESET
n INC;position counter on bit
preceding access
code or erase key
n CMP;verify access code or
erase key
; n = 32 or 48 bits
——
6
AT88SC101/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com