Electronic Components Datasheet Search
  English  ▼

X  

AT88SC102 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT88SC102
Description  Smart Card ICs 1K E2PROM with Security Logic
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC102 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT88SC102 Datasheet HTML 1Page - ATMEL Corporation AT88SC102 Datasheet HTML 2Page - ATMEL Corporation AT88SC102 Datasheet HTML 3Page - ATMEL Corporation AT88SC102 Datasheet HTML 4Page - ATMEL Corporation AT88SC102 Datasheet HTML 5Page - ATMEL Corporation AT88SC102 Datasheet HTML 6Page - ATMEL Corporation AT88SC102 Datasheet HTML 7Page - ATMEL Corporation AT88SC102 Datasheet HTML 8Page - ATMEL Corporation AT88SC102 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Modes of Operation
The AT88SC101/102 has four operation modes selected by PGM, RST, CLK, and by the internal counter:
Inputs
Micro Instructions
PGM
RST
CLK
Definitions
RESET
X
0
The address counter is reset to 0 and the first bit of the
memory is available on I/O after the falling edge of RST
and CLK hit 0. Note: The INC instruction is disabled
when RST is high (Figure 1). Address counter is reset
on the falling edge of RESET.
INC
(INC/READ)
00
The address counter is incremented and the first bit is
available on I/O after the falling edge of the clock (unless
reading is forbidden) (Figure 2). Address increments on
falling edge of CLK. Data is released after the falling
edge of CLK.
CMP
(INC/CMP)
00
Comparison of the bit presented to the card to the
internal bit of the memory (for secret codes only). The
bit should stay stable on I/O during the time CLK is
low. The address counter is incremented on the falling
edge of the CLK (Figure 3).
WRITE
VERIFY
1
0
0
0
I/O must be positioned on 0 for programming or on 1
for erasure before the rising edge of CLK which must
stay on 1 for at least 5ms. The bit addressed (which
will be written) is available on I/O after the falling edge
of the CLK (Figure 4).
Notes:1.Output is disabled (Hi state) on addresses where read is disabled.
2.If VDD falls between approximately 3V and 4V the chip will execute a power-on reset.
3.The 2 instructions CMP and UP are coded (0,0) on CLK and PGM. The circuit will distinguish between the 2 instructions
by testing the internal address counter (CMP can only be done with the addresses corresponding to the security code
or erase key).
4.The internal address counter counts up to 1519 for 101and 1567 for 102. An additional INC sets the counter to 0.
AT88SC101/102
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com