Electronic Components Datasheet Search
  English  ▼

X  

28971 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 28971
Description  Eddie Robot Platform
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28971 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  28971 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28971 Datasheet HTML 2Page - List of Unclassifed Manufacturers 28971 Datasheet HTML 3Page - List of Unclassifed Manufacturers 28971 Datasheet HTML 4Page - List of Unclassifed Manufacturers 28971 Datasheet HTML 5Page - List of Unclassifed Manufacturers 28971 Datasheet HTML 6Page - List of Unclassifed Manufacturers 28971 Datasheet HTML 7Page - List of Unclassifed Manufacturers 28971 Datasheet HTML 8Page - List of Unclassifed Manufacturers 28971 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copyright © Parallax Inc.
Eddie Robot Platform (#28990 & #28992)
v1.2 11/10/2011 Page 2 of 16
Precautions
After switching main board power off, wait at least 5 seconds before switching power back on.
Rapid and repetitive power cycling of the board and motor power supplies causes significant
stress on electronic components and may damage the board and/or connected electronic
accessories.
Use caution when handling the drive motors or Control Board as some components may
become hot after prolonged operation.
As in most electronic devices, Eddie contains components which are sensitive to static
discharge. Exercise proper grounding practices prior to touching or working on the robot.
Assembly Instructions
Note: For pre-assembled Eddie (28992), go to Step 10
Step 1: Pre-assemble the Motor Mount and Wheel Kit and the Caster Wheel Kits, by following the
instructions that came with each of those products. Set them aside for now.
Step 2: After you have completed the assembly of the Motor Mount and Wheel Kit and the Caster Wheel
Kits, carefully unpack the remaining components and sort them into their respective groups. You should
have the following:
Bill of Materials
Part #
Quantity
Description
28994
1
Eddie Motor Mount and Wheel Kit w/ Position Controller
28971
2
Caster Wheel Kit
765-28977
1
Robot Base
765-28990
1
Eddie Second Deck
700-00235
1
Eddie Wiring Harness
721-00013
2
Kinect Mounting Cam Hook
452-00072
4
Eddie Kinect Cable Clip
800-28990
1
Eddie Kinect Power Cable
713-00049
4
Standoff, 5”, ½” Diameter
713-00050
2
Standoff, 12”, ½” Diameter
721-00014
1
Eddie Laptop Screen Clamp
765-00003
1
Eddie Battery Shelf
752-00007
2
Battery, 12 V, 7.2 Ah, SLA
28015
2
Ping)))
TM Ultrasonic Distance Sensor
28995
3
Sharp 2Y0A21YK0F Distance Sensor
550-28990
1
Eddie Control Board
805-00002
2
Servo-extension Cable, 14” Length
805-28995
3
Sharp IR Sensor to Servo Cable
725-28995
3
Sharp IR Stand Acrylic
725-32008
2
Ping))) Stand Acrylic
710-00033
10
Screw, Cap, SKT, 6-32x1/2”
710-00035
24
4-40 x 5/8” black pan head screw
713-00005
6
Spacer, nylon, #4, ¼” thick
713-00019
6
Spacer, nylon, #4, 1/8” thick
713-00015
4
Spacer, nylon, #4, 1/16” thick
700-00240
1
Eddie Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com