Electronic Components Datasheet Search
  English  ▼

X  

28971 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 28971
Description  Eddie Robot Platform
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28971 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 28971 Datasheet HTML 6Page - List of Unclassifed Manufacturers 28971 Datasheet HTML 7Page - List of Unclassifed Manufacturers 28971 Datasheet HTML 8Page - List of Unclassifed Manufacturers 28971 Datasheet HTML 9Page - List of Unclassifed Manufacturers 28971 Datasheet HTML 10Page - List of Unclassifed Manufacturers 28971 Datasheet HTML 11Page - List of Unclassifed Manufacturers 28971 Datasheet HTML 12Page - List of Unclassifed Manufacturers 28971 Datasheet HTML 13Page - List of Unclassifed Manufacturers 28971 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Copyright © Parallax Inc.
Eddie Robot Platform (#28990 & #28992)
v1.2 11/10/2011 Page 10 of 16
Place the pre-assembled Battery Shelf over the cells and slide it into alignment so that the the thru holes
line up with the tapped holes in the Motor Bearing Block. Secure the Battery Tray with (4) ¼-20 x ½”
long button head screws, as shown in Figure 7c.
Figure 7c
Step 8: Switch Plate and 5” Upper Deck Supports Installation
Place the assembly on its side, as shown in Figure 8a. Attach (4) ½” diameter by 5” long machined
aluminum standoffs with ¼-20 x 5/8” long button head screws as shown.
Connect the Switch Plate to the (4) 1.5” tall standoffs with (4) #4-40 x ½” long black, phillips head
screws, as shown in Figure 8a as well.
Figure 8a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com