Electronic Components Datasheet Search
  English  ▼

X  

T5743 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # T5743
Description  UHF ASK/FSK Receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5743 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button T5743 Datasheet HTML 9Page - ATMEL Corporation T5743 Datasheet HTML 10Page - ATMEL Corporation T5743 Datasheet HTML 11Page - ATMEL Corporation T5743 Datasheet HTML 12Page - ATMEL Corporation T5743 Datasheet HTML 13Page - ATMEL Corporation T5743 Datasheet HTML 14Page - ATMEL Corporation T5743 Datasheet HTML 15Page - ATMEL Corporation T5743 Datasheet HTML 16Page - ATMEL Corporation T5743 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
13
T5743
4569A–RKE–12/02
Figure 11. Timing Diagram for Complete Successful Bit Check
Bit-check Mode
In bit-check mode the incoming data stream is examined to distinguish between a valid
signal from a corresponding transmitter and signals due to noise. This is done by subse-
quent time frame checks where the distances between two signal edges are
continuously compared to a programmable time window. The maximum count of this
ed ge-to -e dg e t ests b efore th e re ce iver sw itche s to receiving m ode is also
programmable.
Configuring the Bit Check
Assuming a modulation scheme that contains two edges per bit, two time frame checks
are verifying one bit. This is valid for Manchester, Bi-phase and most other modulation
schemes. The maximum count of bits to be checked can be set to 0, 3, 6 or 9 bits via the
variable NBit-check in the OPMODE register. This implies 0, 6, 12 and 18 edge to edge
checks respectively. If NBit-check is set to a higher value, the receiver is less likely to
switch to receiving mode due to noise. In the presence of a valid transmitter signal, the
bit check takes less time if NBit–check is set to a lower value. In polling mode, the bit-check
time is not dependent on NBit-check. Figure 11 shows an example where 3 bits are tested
successfully and the data signal is transferred to Pin DATA.
According to Figure 12, the time window for the bit check is defined by two separate
time limits. If the edge-to-edge time tee is in between the lower bit-check limit TLim_min and
the upper bit-check limit TLim_max, the check will be continued. If tee is smaller than
TLim_min or tee exceeds TLim_max, the bit check will be terminated and the receiver
switches to sleep mode.
Figure 12. Valid Time Window for Bit Check
For best noise immunity it is recommended to use a low span between T
Lim_min and
T
Lim_max. This is achieved using a fixed frequency at a 50% duty cycle for the transmitter
preburst. A “11111...” or a “10101...” sequence in Manchester or Bi-phase is a good
choice concerning that advice. A good compromise between receiver sensitivity and
susceptibility to noise is a time window of ±25% regarding the expected edge-to-edge
time t
ee. Using pre-burst patterns that contain various edge-to-edge time periods, the
bit-check limits must be programmed according to the required span.
The bit-check limits are determined by means of the formula below.
Bit check
IC_ACTIVE
Data_out (DATA)
1/2 Bit
Start-up mode
( Number of checked Bits: 3 )
Bit check ok
1/2 Bit
1/2 Bit
1/2 Bit
1/2 Bit
1/2 Bit
Receiving mode
Dem_out
Bit-check mode
T
Start-up
T
Bit-check
Dem_out
tee
TLim_min
TLim_max
1/fSig



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com