Electronic Components Datasheet Search
  English  ▼

X  

T5743 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # T5743
Description  UHF ASK/FSK Receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5743 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button T5743 Datasheet HTML 17Page - ATMEL Corporation T5743 Datasheet HTML 18Page - ATMEL Corporation T5743 Datasheet HTML 19Page - ATMEL Corporation T5743 Datasheet HTML 20Page - ATMEL Corporation T5743 Datasheet HTML 21Page - ATMEL Corporation T5743 Datasheet HTML 22Page - ATMEL Corporation T5743 Datasheet HTML 23Page - ATMEL Corporation T5743 Datasheet HTML 24Page - ATMEL Corporation T5743 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
21
T5743
4569A–RKE–12/02
Figure 26. Timing Characteristic of the Data Clock (Rising Edge on Pin DATA)
Figure 27. Timing Characteristic of the Data Clock (Falling Edge of the Pin DATA)
Digital Noise
Suppression
After a data transmission, digital noise appears on the data output (see Figure 28). To
prevent that digital noise keeps the connected microcontroller busy, it can be sup-
pressed in two different ways.
Automatic Noise Suppression
(see Figure 29)
If the bit Noise_Disable (Table 10) in the OPMODE register is set to 1 (default), the
receiver changes to bit-check mode at the end of a valid data stream. The digital noise
is suppressed and the level at Pin DATA is High in that case. The receiver changes
back to receiving mode, if the bit check was successful.
This way to suppress the noise is recommended if the data stream is Manchester or Bi-
phase coded and is active after power on.
Figure 30 illustrates the behavior of the data output at the end of a data stream. Note
that if the last period of the data stream is a high period (rising edge to falling edge), a
pulse occurs on Pin DATA. The length of the pulse depends on the selected baud-rate
range.
V Il = 0,35 * V S
V
Ih = 0,65 * V
S
V
X
DATA_CLK
Serial bi-directional
data line
t
Delay1
t
P_Data_Clk
Data_Out
Data_In
t
Delay2
t
Delay
V
Il = 0,35 * V S
V
Ih = 0,65 * V S
V
X
DATA_CLK
Serial bi-directional
data line
t
Delay1
t
P_Data_Clk
Data_Out
Data_In
t
Delay2
t
Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com