Electronic Components Datasheet Search
  English  ▼

X  

T5743 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # T5743
Description  UHF ASK/FSK Receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5743 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button T5743 Datasheet HTML 16Page - ATMEL Corporation T5743 Datasheet HTML 17Page - ATMEL Corporation T5743 Datasheet HTML 18Page - ATMEL Corporation T5743 Datasheet HTML 19Page - ATMEL Corporation T5743 Datasheet HTML 20Page - ATMEL Corporation T5743 Datasheet HTML 21Page - ATMEL Corporation T5743 Datasheet HTML 22Page - ATMEL Corporation T5743 Datasheet HTML 23Page - ATMEL Corporation T5743 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
20
T5743
4569A–RKE–12/02
Figure 24. Data Clock Disappears Because of a Logical Error
Figure 25. Output of the Data Clock After a Successful Bit Check
The delay of the data clock is calculated as follows:
t
Delay = tDelay1 + tDelay2
t
Delay1 is the delay between the internal signals Data_Out and Data_In. For the rising
edge, t
Delay1 depends on the capacitive load CL at Pin DATA and the external pull-up
resistor R
pup. For the falling edge, tDelay1 depends additionally on the external voltage VX
(see Figure 26, Figure 27 and Figure 34). When the level of Data_In is equal to the level
of Data_Out, the data clock is issued after an additional delay t
Delay2.
Note that the capacitive load at Pin DATA is limited. If the maximum tolerated capacitive
load at Pin DATA is exceeded, the data clock disappears (see section “Data Interface”).
Dem_out
Data_out (DATA)
DATA_CLK
'1'
'1'
'1'
'0'
'1'
'1'
'?'
'0'
'0'
'1'
'0'
Logical error (Manchester code violation)
Data
Receiving mode,
bit check aktive
Receiving mode,
data clock control
logic active
Dem_out
Data_out (DATA)
DATA_CLK
'1'
'1'
'1'
'1'
'1'
'0'
'1'
'1'
'0'
'1'
'0'
Bit check ok
Data
Receiving mode,
bit check active
Receiving mode,
data clock control
logic active
Start bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com