Electronic Components Datasheet Search
  English  ▼

X  

KMA36 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # KMA36
Description  KMA36 universal magnetic encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KMA36 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button KMA36 Datasheet HTML 8Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 9Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 10Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 11Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 12Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 13Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 14Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 15Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
KMA36 universal magnetic encoder
KMT36 Rev 4
www.meas-spec.com
2012-july
13/16
MAGNETS AND SCALES
Rotational Mode
The KMA36 can be used with a magnet, preferably of disc or square shape or a magnet scale with pole
pitch 5mm.
For development purposes, MEAS offers a magnet disc made of plastic bonded Nd-Fe-B magnetic material
which provides an homogenous magnetic field with sufficient magnetic field strength for typical application
with the KMA36. The following table describes typical magnets parameters. Please refer to the website
http://www.magnetfabrik.de (article number 67.044-1 ) and its application note section for more
information.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Ø
Diameter
Neofer 48/60p only
14
mm
T
Thickness
Neofer 48/60p only
2.5
mm
Br
Magnetic field strength
Neofer 48/60p only
540
mT
Top
Operating temperature
Neofer 48/60p only
150
°C
Table 17a: Typical MEAS disc-magnet specification
Linear Mode
The linear mode of the KMA36 is designed for a magnetic scale with pole pitch 5mm. A magnetic scale is
made of a magnetic ferrite tape bonded on a steel support which guarantees mechanical stability. The steel
support is made of an optimum stainless steel alloy that provides no loss of magnetic field strength. MEAS
offers a standard scale with the following parameters for development purpose:
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
LT
Length
MEAS magnetic scale only
1
m
LP
Pole length
MEAS magnetic scale only
5
mm
W
Width
MEAS magnetic scale only
10
mm
T
Thickness
MEAS magnetic scale only
1.3
mm
Δp
Accuracy
MEAS magnetic scale only
40
µm/m
Top
Operating temperature
MEAS magnetic scale only
-40
100
°C
Table 17b: Typical MEAS magnet-scale specification
The correct magnet dimensions and assembly geometry depend on the specific arrangement of the
application and are part of the specification of the entire system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com