Electronic Components Datasheet Search
  English  ▼

X  

KMA36 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KMA36
Description  KMA36 universal magnetic encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KMA36 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KMA36 Datasheet HTML 1Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 2Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 3Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 4Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 5Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 6Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 7Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 8Page - List of Unclassifed Manufacturers KMA36 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
KMA36 universal magnetic encoder
KMT36 Rev 4
www.meas-spec.com
2012-july
2/16
PIN ASSIGNMENT
Pin No.
KMA36 TSSOP
Symbol
Type
Description
1
A1
NC
Not connected
2
A0
I
Slave adress configuration pin
3
DVCC_SE
O
Drive pin to power sensor
4
SDA
I/O
Two-wire interface data pin
5
PWM
O
PWM output
6
SCL
I
Two-wire interface clock pin
7
GND_SE
S
Sensor supply ground pin
8
VCC_SE
S
Sensor power supply pin
9
NC
NC
Not connected
10
NC
NC
Not connected
11
NC
NC
Not connected
12
COILP
I
Coil power supply pin
13
COILN
I
Coil power supply pin
14
AREF
I
Asic analog reference
15
NC
NC
Not connected
16
GND_AS
S
Asic supply ground
17
NC
NC
Not connected
18
VCC_AS
S
Asic power supply
19
DCOILN
O
Drive pin to coil power supply
20
DCOILP
O
Drive pin to coil power supply
Figure 1: Pin assignment
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all voltages are referenced to
the power ground supply VSS. Typical values are based on
Top= 25 °C, VCC = 5 V. They are given only as design
guidelines and are not tested in production. Data based on
characterization
results,
design
simulation
and/or
technology
characteristics
are
indicated
in
the
table
footnotes and are not tested in production.
Absolute maximum ratings are limiting values of permitted
operation and should never be exceeded under the worst
possible conditions either initially or consequently. If
exceeded by even the smallest amount, instantaneous
catastrophic failure can occur. And even if the device
continues
to
operate
satisfactorily,
its
life
may
be
considerably shortened.
Figure 2: Functional block description
Angle
MR
Magnet
magnetic field
AMPLIFICATION
ADC
10 bit
CORE
ERROR
HANDLING
I2C
SENSOR
EVALUATION
COMMUNICATION
OP AMP
PWM
MODE
HANDLING
Position
Parameter
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com